Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMT-0825-S-2-R Datasheet(PDF) 1 Page - Projects Unlimited, Inc.

Part # SMT-0825-S-2-R
Description  SPECIFICATIONS SUBJECT TO CHANGE OR WITHDRAWL WITHOUT NOTICE.
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUI [Projects Unlimited, Inc.]
Direct Link  http://www.pui.com
Logo PUI - Projects Unlimited, Inc.

SMT-0825-S-2-R Datasheet(HTML) 1 Page - Projects Unlimited, Inc.

  SMT-0825-S-2-R Datasheet HTML 1Page - Projects Unlimited, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A ( 5 : 1 )
DETAIL "B"
Transducer (Electro-Mech)
SMT-0825-S-2-R
J.D.
E.P.
B.R.
4/30/2010
-
Designed by
Checked by
Approved by
Drawn Date
1 / 1
Edition
Sheet
Date
5/5/2006
Date
5/5/2006
Date
5/5/2006
UNLESS OTHERWISE
SPECIFIED:
DIMENSIONS ARE IN
MILLIMETERS,
TOLERANCES
ARE ±0.5 AND
ANGLES ARE ±3°.
SMT-0825-S-2-R.idw
A3
SIZE
B
REVISION HISTORY
LTR
DESCRIPTION
DATE APPROVED
-
RELEASED FROM ENGINEERING
5/5/2006
A
REVISED TO INVENTOR 3-D DRAWING TEMPLATE
4/29/2010
B.R.
SPECIFICATIONS
PARAMETERS
VALUES
UNIT
RATED VOLTAGE
3.6
Vp-p
OPERATING VOLTAGE RANGE
2.5 ~ 4.5
Vp-p
RATED CURRENT (MAX)
90
mA
COIL RESISTANCE
15 ± 3
OHM
MINIMUM SPL @ 10 CM
87
dBA
RESONANT FREQUENCY
2,500 ± 500
Hz
OPERATING TEMPERATURE
-30 ~ +70
°C
STORAGE TEMPERATURE
-40 ~ +85
°C
HOUSING MATERIAL
LCP
-
TERMINAL MATERIAL
Sn PLATED
PHOSPHOR BRONZE
-
WEIGHT
0.45
grams
THIS DOCUMENT CONTAINS DATA PROPRIETARY TO
PROJECTS UNLIMITED, INC. ANY USE OR
REPRODUCTION, IN ANY FORM, WITHOUT PRIOR
WRITTEN PERMISSION OF PROJECTS UNLIMITED,
INC. IS PROHIBITED.
©2003, Projects Unlimited Inc.
NOTES:
1. ALL DIMENSIONS ARE IN MILLIMETERS.
2. SPECIFICATIONS SUBJECT TO CHANGE OR WITHDRAWL
WITHOUT NOTICE.
3. THIS PART IS RoHS 2002/95/EC COMPLIANT.
8.5
8.5
2.8
0.95
1.03
4
0.3
`0.1
1.5
`0.1 (3)
POLARITY
PAD (+)
DUMMY
PAD
POLARITY
PAD (-)
DUMMY
PAD
SOUND
EMISSION
HOLE
BOTTOM OF
TRANSDUCER
0.1 MAX.
0.1 MAX.
PAD


Similar Part No. - SMT-0825-S-2-R

ManufacturerPart #DatasheetDescription
logo
PUI audio inc.
SMT-0825-S-2-R PUIAUDIO-SMT-0825-S-2-R Datasheet
599Kb / 3P
Side-firing electromechanical transducer designed for 2.5 to 4.5 Vp-p
More results

Similar Description - SMT-0825-S-2-R

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C1005X7R1C104K TDK-C1005X7R1C104K Datasheet
131Kb / 1P
All specifications are subject to change without notice.
logo
Projects Unlimited, Inc...
SMT-0540-T-7-R PUI-SMT-0540-T-7-R Datasheet
192Kb / 1P
SPECIFICATIONS SUBJECT TO CHANGE OR WITHDRAWL WITHOUT NOTICE.
SMT-0821-T-R PUI-SMT-0821-T-R Datasheet
166Kb / 1P
SPECIFICATIONS SUBJECT TO CHANGE OR WITHDRAWL WITHOUT NOTICE.
logo
A-BRIGHT Inc
AL-01CESW1WCP-A2 A-BRIGHT-AL-01CESW1WCP-A2 Datasheet
657Kb / 11P
Specifications are subject to change without notice
AL-01CEUV3WC-4A2 A-BRIGHT-AL-01CEUV3WC-4A2 Datasheet
311Kb / 7P
Specifications are subject to change without notice
AL-01CEW01WCP-A2 A-BRIGHT-AL-01CEW01WCP-A2 Datasheet
788Kb / 13P
Specifications are subject to change without notice
AL-01CEW03WC-A2 A-BRIGHT-AL-01CEW03WC-A2 Datasheet
239Kb / 5P
Specifications are subject to change without notice
AL-01K5UV3WC-1A2 A-BRIGHT-AL-01K5UV3WC-1A2 Datasheet
300Kb / 7P
Specifications are subject to change without notice
AL-01K5UV3WC-2A2 A-BRIGHT-AL-01K5UV3WC-2A2 Datasheet
300Kb / 7P
Specifications are subject to change without notice
AL-01K5UV3WC-3A2 A-BRIGHT-AL-01K5UV3WC-3A2 Datasheet
299Kb / 7P
Specifications are subject to change without notice
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com