Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRS2301STRPBF Datasheet(PDF) 3 Page - International Rectifier

Part # IRS2301STRPBF
Description  Floating channel designed for bootstrap operation
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2301STRPBF Datasheet(HTML) 3 Page - International Rectifier

  IRS2301STRPBF Datasheet HTML 1Page - International Rectifier IRS2301STRPBF Datasheet HTML 2Page - International Rectifier IRS2301STRPBF Datasheet HTML 3Page - International Rectifier IRS2301STRPBF Datasheet HTML 4Page - International Rectifier IRS2301STRPBF Datasheet HTML 5Page - International Rectifier IRS2301STRPBF Datasheet HTML 6Page - International Rectifier IRS2301STRPBF Datasheet HTML 7Page - International Rectifier IRS2301STRPBF Datasheet HTML 8Page - International Rectifier IRS2301STRPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
IRS2301S
www.irf.com
© 2009 International Rectifier
3
Description
The IRS2301S is a high voltage, high speed power MOSFET and IGBT driver with independent high- and low-
side referenced output channels. Proprietary HVIC and latch immune CMOS technologies enable ruggedized
monolithic construction. The logic input is compatible with standard CMOS or LSTTL output, down to 3.3V logic.
The output drivers feature a high pulse current buffer stage. The floating channel can be used to drive an N-
channel power MOSFET or IGBT in the high-side configuration which operates up to 600V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com