Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMT-0825-T-R Datasheet(PDF) 1 Page - Projects Unlimited, Inc.

Part # SMT-0825-T-R
Description  1CHANGED MATERIAL & TERMINAL MATERIAL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUI [Projects Unlimited, Inc.]
Direct Link  http://www.pui.com
Logo PUI - Projects Unlimited, Inc.

SMT-0825-T-R Datasheet(HTML) 1 Page - Projects Unlimited, Inc.

  SMT-0825-T-R Datasheet HTML 1Page - Projects Unlimited, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A ( 5 : 1 )
DETAIL "B"
Transducer (Electro-Mech)
SMT-0825-T-R
R.A.C.
R.W.
5/3/2010
-
Designed by
Checked by
Approved by
Drawn Date
1 / 1
Edition
Sheet
Date
1/4/2005
Date
Date
1/4/2005
UNLESS OTHERWISE
SPECIFIED:
DIMENSIONS ARE IN
MILLIMETERS,
TOLERANCES
ARE ±0.5 AND
ANGLES ARE ±3°.
SMT-0825-T-R.idw
A3
SIZE
B
REVISION HISTORY
LTR
DESCRIPTION
DATE APPROVED
-
RELEASED FROM ENGINEERING
1/4/2005
A
CHANGED MATERIAL & TERMINAL MATERIAL
3/9/2005
G.V.
B
REMOVED LEAD FREE ADDED RoHS NOTE
8/10/2005
C
ADDED RESONANT FREQ. TOLERANCE
5/16/2007
R.W.
D
REVISED TO INVENTOR 3-D DRAWING TEMPLATE
5/3/2010
B.R.
SPECIFICATIONS
PARAMETERS
VALUES
UNITS
RATED VOLTAGE
3.6
Vp-p
OPERATING VOLTAGE RANGE
2.5 ~ 4.5
Vp-p
RATED CURRENT (MAX)
90
mA
COIL RESISTANCE
15 ± 3
OHM
MINIMUM SPL @ 10 CM
87
dBA
RESONANT FREQUENCY
2,500 ± 500
Hz
OPERATING TEMPERATURE
-30 ~ +70
°C
STORAGE TEMPERATURE
-40 ~ +85
°C
HOUSING MATERIAL
LCP
-
TERMINAL MATERIAL
Sn PLATED PBS
-
WEIGHT
0.42
grams
THIS DOCUMENT CONTAINS DATA PROPRIETARY TO
PROJECTS UNLIMITED, INC. ANY USE OR
REPRODUCTION, IN ANY FORM, WITHOUT PRIOR
WRITTEN PERMISSION OF PROJECTS UNLIMITED,
INC. IS PROHIBITED.
©2003, Projects Unlimited Inc.
NOTES:
1. ALL DIMENSIONS ARE IN MILLIMETERS.
2. SPECIFICATIONS SUBJECT TO CHANGE OR WITHDRAWL
WITHOUT NOTICE.
3. THIS PART IS RoHS 2002/95/EC COMPLIANT.
8.5
`0.2
8.5
`0.2
4
`0.1
1.5
`0.1 (3)
0.3
`0.1
n2 SOUND
EMISSION HOLE
DUMMY
PAD
DUMMY
PAD
POLARITY
PAD (+)
POLARITY
PAD (-)
0.1 MAX.
0.1 MAX.
BOTTOM OF
TRANSDUCER
PAD


Similar Part No. - SMT-0825-T-R

ManufacturerPart #DatasheetDescription
logo
PUI audio inc.
SMT-0825-T-R PUIAUDIO-SMT-0825-T-R Datasheet
398Kb / 3P
Top-firing electromechanical transducer designed for 2.5 to 4.5 Vp-p
More results

Similar Description - SMT-0825-T-R

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
3B7 FERROXCUBE-3B7 Datasheet
47Kb / 4P
Material specification
3C90 FERROXCUBE-3C90 Datasheet
51Kb / 4P
Material specification
3C91 FERROXCUBE-3C91 Datasheet
50Kb / 4P
Material specification
MPP FERROXCUBE-MPP Datasheet
62Kb / 4P
Material specification
logo
FCI connector
68682 FCI-CONNECTOR-68682 Datasheet
266Kb / 3P
MATERIAL TERMINAL: PHOSPHOR BRONZE
logo
Projects Unlimited, Inc...
SMT-0540-T-2-R PUI-SMT-0540-T-2-R Datasheet
209Kb / 1P
ADDED TERMINAL MATERIAL PLATING
logo
FERYSTER Inductive Comp...
E25_11-K-V-8P-2557 FERYSTER-E25_11-K-V-8P-2557 Datasheet
122Kb / 1P
BOBBIN MATERIAL: PIN MATERIAL UL REC.
EE16-K-H-8P-SW FERYSTER-EE16-K-H-8P-SW Datasheet
145Kb / 1P
BOBBIN MATERIAL PIN MATERIAL UL REC
EE16-K-V-10P-SW FERYSTER-EE16-K-V-10P-SW Datasheet
129Kb / 1P
BOBBIN MATERIAL PIN MATERIAL UL REC
ETD29-K-H-5-0 FERYSTER-ETD29-K-H-5-0 Datasheet
82Kb / 1P
Material korpusu / Bobbin material: T375J
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com