Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D2RV-L22G Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # D2RV-L22G
Description  High Reliability for Micro Load Applications, Even in Adverse Atmospheres (Dust, High Humidity, Silicon Gas, etc.)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D2RV-L22G Datasheet(HTML) 2 Page - Omron Electronics LLC

  D2RV-L22G Datasheet HTML 1Page - Omron Electronics LLC D2RV-L22G Datasheet HTML 2Page - Omron Electronics LLC D2RV-L22G Datasheet HTML 3Page - Omron Electronics LLC D2RV-L22G Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
D2RV
Miniature Basic Switch
D
2
R
V
Terminals/Appearances (Unit:mm)
Mounting Holes (Unit: mm)
Dimensions (Unit: mm) /Operating Characteristics
Note 1. Unless otherwise specified, a tolerance of ±0.4 mm applies to all dimensions.
Note 2. The operating characteristics are for operation in the A direction (
).
5.4 15.9
(10)
1
2.4 dia. 1.3 dia.
3.2
6.3
t=0.5
2-Solder terminals
4.8
10.3±0.1
2-3.1 dia. mounting holes
or M3 screw holes
22.2±0.1
PT
OP
2.8
5.4 15.9
(10)
2.8
1
27.8
3.1+0.13
−0.03
3.1+0.13 dia. holes
−0.03
22.2±0.1
20.2±0.25
3.4±0.15 dia.
10.3±0.1
A
10.3
2.8
R1.5
4.3
5.15
●Pin Plunger
D2RV-E
D2RV
D2RV-G
Model
Operating
characteristics
D2RV-E
D2RV
D2RV-G
Operating Force
OF Max.
0.25 N
{25 gf}
0.49 N
{50 gf}
0.98 N
{100 gf}
Pretravel
PT Max.
Overtravel
OT Min.
Movement Differential MD Max.
1.6 mm
0.6 mm
0.8 mm
Operating Position
OP
14.4
±0.6 mm
PT
OP
5.4
4.3
15.9
(10)
2.8
1
27.8
3.1+0.13
−0.03
3.1+0.13 dia. holes
−0.03
22.2±0.1
22.1
3.4±0.15 dia.
10.3±0.1
A
5.15
10.3
2.8
* Stainless-steel lever
8.1
t=0.5 *
●Short Hinge Lever
D2RV-L11
D2RV-L11G
Model
Operating
characteristics
D2RV-L11
D2RV-L11G
Operating Force
OF Max.
0.49 N
{50 gf}
0.98 N
{100 gf}
Pretravel
PT Max.
Overtravel
OT Min.
Movement Differential MD Max.
1.8 mm
0.4 mm
1.0 mm
Operating Position
OP
15.0
±0.6 mm
PT
OP
5.4 15.9
(10)
2.8
1
27.8
3.1+0.13
−0.03
3.1+0.13 dia. holes
−0.03
22.2±0.1
35.6±0.8
3.4±0.15 dia.
10.3±0.1
A
10.3
2.8
* Stainless-steel lever
8.1
t=0.5 *
4.3
5.15
●Hinge Lever Models
D2RV-L
D2RV-LG
Model
Operating
characteristics
D2RV-L
D2RV-LG
Operating Force
OF Max.
0.25 N
{25 gf}
0.49 N
{50 gf}
Pretravel
PT Max.
Overtravel
OT Min.
Movement Differential MD Max.
4.0 mm
1.0 mm
1.6 mm
Operating Position
OP
14.4
±1.2 mm
PT
OP
5.4 15.9
(10)
2.8
1
27.8
3.1+0.13
−0.03
3.1+0.13 dia. holes
−0.03
22.2±0.1
32.6±0.8
3.4±0.15 dia.
10.3±0.1
A
10.3
2.8
* Stainless-steel lever
8.1
t=0.5 *
R3.5
4.3
5.15
●Simulated Roller Lever Models
D2RV-L13
D2RV-L13G
Model
Operating
characteristics
D2RV-L13
D2RV-L13G
Operating Force
OF Max.
0.25 N
{25 gf}
0.49 N
{50 gf}
Pretravel
PT Max.
Overtravel
OT Min.
Movement Differential MD Max.
4.0 mm
1.0 mm
1.6 mm
Operating Position
OP
18.1
±1.2 mm



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com