Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAALSS0044 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MAALSS0044
Description  Low Noise Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAALSS0044 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MAALSS0044 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAALSS0044 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAALSS0044 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAALSS0044 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Low Noise Amplifier
1.5 - 1.6 GHz
Rev. V1
MAALSS0044
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Low Noise Figure: 1.55 dB
• High Gain: 21 dB
• Low Power Consumption: 3 to 5 V, 8 mA
• High Dynamic Range
• DC Decoupled RF Input and Output
• No External RF Tuning Elements Necessary
• Lead-Free SOIC-8 Package
• 100% Matte Tin Plating over Copper
• Halogen-Free “Green” Mold Compound
• 260°C Reflow Compatible
• RoHS* Compliant Version of MAAM12021
Description
M/A-COM’s MAALSS0044 is a high performance
GaAs MMIC low noise amplifier in a lead-free
SOIC-8 surface mount package. The MAALSS0044
employs a fully monolithic design which eliminates
the need for external tuning networks. It can be
biased using 3- or 5-volt supplies and has an option
for biasing at higher currents for increased dynamic
range.
The MAALSS0044 is ideally suited for use where
low noise figure, high gain, high dynamic range and
low power consumption are required.
Typical
applications include receiver front ends in the Global
Positioning System (GPS) and Japanese Personal
Digital Cellular (PDC-1500) markets, as well as
standard gain blocks, buffer amps, driver amps and
IF amps in both fixed and portable systems.
M/A-COM’s MAALSS0044 is fabricated using a
mature 0.5-micron gate length GaAs process. The
process features full passivation for increased
performance reliability.
Ordering Information 1,2
Part Number
Package
MAALSS0044
Bulk Packaging
MAALSS0044TR-3000
3000 piece reel
MAALSS0044SMB
Sample Test Board
Pin Configuration
Pin No.
Function
Pin No.
Function
1
Ground
5
Ground
2
R1 (Optional)
See Note 10
6
RF Output
3
RF Input
7
VDD
4
Ground
8
Ground
Functional Block Diagram
Absolute Maximum Ratings 3,4
Parameter
Absolute Maximum
VDD
+10 VDC
Input Power
+17 dBm
Current 5
30 mA
Channel Temperature 6
+150°C
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
3. Exceeding any one or combination of these limits may cause
permanent damage to this device.
4. M/A-COM does not recommend sustained operation near
these survivability limits.
5. Only if pin 2 is used to increase current (see note 10.
6. Typical thermal resistance (θjc) = +165°C/W.
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
8
7
6
5
1
2
3
4
RF OUT
GND
GND
RF IN
GND
GND
VDD
R1
(optional)
1. Reference Application Note M513 for reel size information.
2. All sample boards include 5 loose parts.


Similar Part No. - MAALSS0044

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAALSS0044 MACOM-MAALSS0044 Datasheet
208Kb / 4P
Low Noise Amplifier 1.5 - 1.6 GHz
logo
M/A-COM Technology Solu...
MAALSS0044 MA-COM-MAALSS0044 Datasheet
160Kb / 4P
Low Noise Amplifier 1.5 - 1.6 GHz
MAALSS0044 MA-COM-MAALSS0044 Datasheet
733Kb / 5P
Low Noise Amplifier
logo
Tyco Electronics
MAALSS0044SMB MACOM-MAALSS0044SMB Datasheet
208Kb / 4P
Low Noise Amplifier 1.5 - 1.6 GHz
logo
M/A-COM Technology Solu...
MAALSS0044SMB MA-COM-MAALSS0044SMB Datasheet
160Kb / 4P
Low Noise Amplifier 1.5 - 1.6 GHz
More results

Similar Description - MAALSS0044

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA8310 TRIQUINT-TGA8310 Datasheet
262Kb / 11P
Low-Noise Amplifier
logo
Tyco Electronics
AM50-0002V7 MACOM-AM50-0002V7 Datasheet
214Kb / 5P
Low Noise Amplifier
logo
ams AG
SIGE AMSCO-SIGE Datasheet
91Kb / 1P
Low-Noise-Amplifier
logo
List of Unclassifed Man...
RGLNA10 ETC2-RGLNA10 Datasheet
44Kb / 2P
Low Noise Amplifier
logo
M/A-COM Technology Solu...
MAAL-007673 MA-COM-MAAL-007673 Datasheet
136Kb / 4P
Low Noise Amplifier
MAAL-010704 MA-COM-MAAL-010704 Datasheet
507Kb / 14P
Low Noise Amplifier
MAALSS0048 MA-COM-MAALSS0048 Datasheet
262Kb / 8P
Low Noise Amplifier
XL1002-BD MA-COM-XL1002-BD Datasheet
936Kb / 10P
Low Noise Amplifier
logo
RFHIC
CL3501_L RFHIC-CL3501_L_14 Datasheet
714Kb / 6P
Low Noise Amplifier
CL2701-L RFHIC-CL2701-L_14 Datasheet
676Kb / 6P
Low Noise Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com