Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMS2020 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SMS2020
Description  N-Channel MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMS2020 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SMS2020 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMS2020 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SMS2020 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SMS2020 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Elektronische Bauelemente
SMS2020
830mA, 20V
N-Channel MOSFET
21-May-2013 Rev. B
Page 1 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
Top View
A
L
C B
D
G
H
J
F
K
E
1
2
3
1
2
3
W28
= Date Code
RoHS Compliant Product
A Suffix of “-C” specifies halogen & lead-free
DESCRIPTIONS
The SMS2020 is N-Channel enhancement MOS Field
Effect Transistor. Uses advanced trench technology and
design to provide excellent RDS (ON)with low gate charge.
This device is suitable for use in DC-DC conversion, load
switch and level shift.
MECHANICAL DATA
Trench Technology
Supper high density cell design
Excellent ON resistance
Extremely Low Threshold Voltage
APPLICATION
DC-DC converter circuit
Load Switch
DEVICE MARKING:
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOT-23
3K
7 inch
MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
Rating
Parameter
Symbol
10S
Steady State
Unit
Drain – Source Voltage
VDS
20
V
Gate – Source Voltage
VGS
±6
V
TA= 25°C
0.9
0.83
Continuous Drain Current
1
TA= 70°C
ID
0.72
0.66
A
TA= 25°C
0.38
0.32
Power Dissipation
1
TA= 70°C
PD
0.24
0.2
W
TA= 25°C
0.79
0.71
Continuous Drain Current
2
TA= 70°C
ID
0.63
0.57
A
TA= 25°C
0.29
0.24
Power Dissipation
2
TA= 70°C
PD
0.19
0.15
W
Pulsed Drain Current
3
IDM
1.4
A
Maximum Junction-to-Lead
RθJL
260
°C / W
Operating Junction & Storage Temperature Range
TJ, TSTG
150, -55~150
°C
SOT-23
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
2.70
3.04
G
-
0.18
B
2.10
2.80
H
0.40
0.60
C
1.20
1.60
J
0.08
0.20
D
0.89
1.40
K
0.6 REF.
E
1.78
2.04
L
0.85
1.15
F
0.30
0.50


Similar Part No. - SMS2020

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMS2020 SECOS-SMS2020_15 Datasheet
554Kb / 4P
N-Channel MOSFET
More results

Similar Description - SMS2020

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
N-Channel MOSFET
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
P-CHANNEL MOSFET N-CHANNEL MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com