Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM3055L Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SSM3055L
Description  N-Channel Enhancement Mode MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSM3055L Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SSM3055L Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSM3055L Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSM3055L Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSM3055L Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
Elektronische Bauelemente
SSM3055L
2.8A , 60V , RDS(ON) 100 mΩ
Ω
Ω
Ω
N-Channel Enhancement Mode MOSFET
26-Jul-2013 Rev. A
Page 1 of 4
TOP VIEW
Top View
1
2
3
4
A
M
B
D
L
K
F
G
H
J
E
C
RoHS Compliant Product
A suffix of “-C” specifies halogen and lead-free
DESCRIPTION
The SSM3055L utilized advanced processing
techniques to achieve the lowest possible on-resistance,
extremely efficient and cost-effectiveness device. The
SSM3055L is universally used for all commercial-industrial
applications.
FEATURES
Simple Drive Requirement
Small Package Outline
MARKING
PACKAGE INFORMATION
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Drain-Source Voltage
VDS
60
V
Gate-Source Voltage
VGS
±20
V
TA=25°C
2.8
Continuous Drain Current
1 , V
GS@10V
TA=70°C
ID
2.3
A
Pulsed Drain Current
2
IDM
12
A
Power Dissipation
3
TA=25°C
P D
1.5
W
Operating Junction and Storage Temperature Range
Tj, Tstg
-55~150
°C
Thermal Resistance Rating
Maximum Junction to Ambient
1
RθJA
85
°C / W
Maximum Junction to Case
1
RθJC
48
°C / W
Package
MPQ
Leader Size
SOT-223
2.5K
13 inch
1
G
3
S
D
24
3055L
= Date code
SOT-223
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
6.20
6.70
G
-
0.10
B
6.70
7.30
H
-
-
C
3.30
3.70
J
0.25
0.35
D
1.42
1.90
K
-
-
E
4.50
4.70
L
2.30 REF.
F
0.60
0.82
M
2.90
3.10


Similar Part No. - SSM3055L

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSM3055L-C SECOS-SSM3055L-C Datasheet
370Kb / 4P
N-Channel Enhancement Mode MOSFET
SSM3055L SECOS-SSM3055L_15 Datasheet
370Kb / 4P
N-Channel Enhancement Mode MOSFET
More results

Similar Description - SSM3055L

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN1012 SYNC-POWER-SPN1012 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN1423A SYNC-POWER-SPN1423A Datasheet
211Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2302M STANSON-ST2302M Datasheet
170Kb / 6P
N Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN4920A SYNC-POWER-SPN4920A Datasheet
235Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN4972 SYNC-POWER-SPN4972 Datasheet
242Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN8080 SYNC-POWER-SPN8080 Datasheet
239Kb / 10P
N-Channel Enhancement Mode MOSFET
SPN9507 SYNC-POWER-SPN9507 Datasheet
237Kb / 9P
N-Channel Enhancement Mode MOSFET
SPN9971 SYNC-POWER-SPN9971 Datasheet
269Kb / 10P
N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com