Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSN3043 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SSN3043
Description  N-Channel Enhancement Mode Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSN3043 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SSN3043 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSN3043 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSN3043 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSN3043 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Elektronische Bauelemente
SSN3043
255mA , 20V , RDS(ON) 3.4
N-Channel Enhancement Mode Power MOSFET
28-Oct-2013 Rev. A
Page 2 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
MAXIMUM RATINGS (TJ=25°C unless otherwise specified)
Parameter
Symbol
Rating
Unit
Steady State
1
280
t = 5 s
1
228
Maximum Junction–Ambient
Steady State Minimum Pad
2
RθJA
400
°C / W
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Teat Conditions
OFF Characteristics
Drain-Source Breakdown Voltage
V(BR)DSS
20
-
-
V
VGS=0, ID =100µA
Drain−Source Breakdown Voltage
Temperature Coefficient
V(BR)DSS / TJ
-
27
-
mV/°C
ID =100µA, Reference to 25°C
Gate-Source Leakage Current
IGSS
-
-
1
µA
VGS= ±5V, VDS=0
-
-
1
VDS=16V, VGS=0, TJ =25°C
Zero Gate Voltage Drain Current
IDSS
-
-
10
µA
VDS =16V, VGS=0, TJ =125°C
ON Characteristics
1
Gate Threshold Voltage
VGS(TH)
0.4
-
1.3
V
Gate Threshold Temperature
Coefficient
VGS(TH)/ TJ
-
-2.4
-
mV/°C
VDS=VGS, ID = 250µA
Forward Transconductance
gFS
-
0.275
-
S
VDS=5V, ID=100mA
-
1.5
3.4
VGS=4.5V, ID=10mA
-
1.6
3.8
VGS=4.5V, ID=255mA
-
2.4
4.5
VGS=2.5V, ID=1mA
-
5.1
10
VGS=1.8V, ID=1mA
Drain-Source On Resistance
RDS(ON)
-
6.8
15
VGS=1.65V, ID=1mA
Dynamic Characteristics
Turn-on Delay Time
Td(on)
-
13
-
Rise Time
Tr
-
15
-
Turn-off Delay Time
Td(off)
-
94
-
Fall Time
2
Tf
-
55
-
nS
VGS=4.5V,
VDD=5V
ID=10mA
RG=6
Input Capacitance
2
Ciss
-
11
-
Output Capacitance
2
Coss
-
8.3
-
Reverse Transfer Capacitance
2
Crss
-
2.7
-
pF
VDS=10V, VGS=0, f=1MHz
Source-Drain Diode
-
0.83
1.2
VGS=0V, IS=286mA, TJ =25°C
Forward Diode Voltage
VSD
-
0.69
-
V
VGS=0V, IS=286mA, TJ =125°C
Reverse Recovery Time
Trr
-
9.1
-
Charge Time
Ta
-
7.1
-
Discharge Time
Tb
-
2
-
nS
Reverse Recovery Charge
2
Qrr
-
3.7
-
nC
VGS=0V,
VDD=20V,
dISD/dt=100A/µS
IS=286mA
Notes:
1.
Surface−mounted on FR4 board using 1 in sq pad size (Cu area = 1.127 in sq [1 oz] including traces)
2.
Surface−mounted on FR4 board using the minimum recommended pad size.
3.
Pulse Test: Pulse Width ≦ 300 µs, Duty cycle ≦ 2%
4.
Switching characteristics are independent of operating junction temperature.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com