Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSPS920NE Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SSPS920NE
Description  Dual-N Channel Mode Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSPS920NE Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SSPS920NE Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSPS920NE Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSPS920NE Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSPS920NE Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Elektronische Bauelemente
SSPS920NE
7.1 A, 20 V, RDS(ON) 20 mΩ
Dual-N Channel Mode Power MOSFET
28-Jun-2013 Rev. A
Page 2 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Teat Conditions
Static
Gate Threshold Voltage
VGS(th)
0.4
-
-
V
VDS= VGS, ID=250µA
Gate-Body Leakage Current
IGSS
-
-
±100
nA
VDS=0, VGS= ±8V
-
-
1
µA
VDS=16V, VGS=0
Zero Gate Voltage Drain Current
IDSS
-
-
25
µA
VDS=16V, VGS=0, TJ= 55°C
On-State Drain Current
1
ID(on)
10
-
-
A
VDS= 5V, VGS=4.5V
-
-
20
VGS= 4.5V, ID=5.7A
-
-
24
VGS= 2.5V, ID=5.2A
Drain-Source On-Resistance
1
RDS(ON)
-
-
39
m
VGS= 1.8V, ID= 4.8A
Forward Transconductance
1
gfs
-
15
-
S
VDS= 10V, ID=5.7A
Diode Forward Voltage
VSD
-
0.71
-
V
IS=1.1A, VGS=0
Dynamic
2
Total Gate Charge
Qg
-
6
-
Gate-Source Charge
Qgs
-
0.9
-
Gate-Drain Charge
Qgd
-
2.5
-
nC
ID= 5.7A
VDS= 10V
VGS= 4.5V
Input Capacitance
Ciss
-
439
-
Output Capacitance
Coss
-
78
-
Reverse Transfer Capacitance
Crss
-
68
-
pF
VGS =0
VDS=15V
f =1.0MHz
Turn-On Delay Time
Td(on)
-
8
-
Rise Time
Tr
-
14
-
Turn-Off Delay Time
Td(off)
-
42
-
Fall Time
Tf
-
17
-
nS
VDS= 10V
ID= 5.7A
VGEN= 4.5V
RL= 1.8
RGEN= 6
Notes:
1.
Pulse test:PW ≦ 300µs duty cycle ≦ 2%.
2.
Guaranteed by design, not subject to production testing.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com