Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSPS7630N Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SSPS7630N
Description  Dual-N Channel Mode Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSPS7630N Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SSPS7630N Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSPS7630N Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSPS7630N Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSPS7630N Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Elektronische Bauelemente
SSPS7630N
9.4 A, 30 V, RDS(ON) 19 mΩ
Ω
Ω
Ω
Dual-N Channel Mode Power MOSFET
28-Jun-2013 Rev. A
Page 1 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
DESCRIPTION
These miniature surface mount MOSFETs
utilize a high cell density trench process to
provide low RDS(on) and to ensure minimal
power loss and heat dissipation. Typical
applications are DC-DC converters and power
management In portable and battery-powered
products such as computers, printers, PCMCIA
cards, cellular and cordless telephones.
FEATURES
Low RDS(on) provides higher efficiency and
extends battery life.
Low thermal impedance copper leadframe
SOP-8 saves board space.
Fast switching speed.
High performance trench technology.
PACKAGE INFORMATION
Package
MPQ
Leader Size
DFN3*3-8PP
3K
13’ inch
MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
±20
V
TA = 25°C
9.4
A
Continuous Drain Current
1
TA = 70°C
ID
6.8
A
Pulsed Drain Current
2
IDM
30
A
Continuous Source Current (Diode Conduction)
1
IS
2.1
A
TA = 25°C
2.5
W
Total Power Dissipation
1
TA = 70°C
PD
1.3
W
Operating Junction & Storage Temperature Range
TJ, TSTG
-55 ~ 150
°C
Thermal Resistance Ratings
t≦10 sec
RθJC
83
°C / W
Thermal Resistance Junction-ambient (Max.)
1
Steady State
RθJA
120
°C / W
Notes:
1.
Surface Mounted on 1” x 1” FR4 Board.
2.
Pulse width limited by maximum junction temperature.
DFN3*3-8PP
D
D
S
S
G
G
D
D
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
3.0 BSC.
G
0.7
0.9
B
3.2 BSC.
H
1.1 BSC.
C
0.2
0.35
I
2.475 BSC
D
0.65 BSC.
J
1.8 BSC.
E
0.1
0.25
K
0.3
0.5
F
3.0 BSC
L
0.52 BSC


Similar Part No. - SSPS7630N

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSPS7630N SECOS-SSPS7630N_15 Datasheet
472Kb / 4P
Dual-N Channel Mode Power MOSFET
More results

Similar Description - SSPS7630N

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSG4902N SECOS-SSG4902N Datasheet
175Kb / 2P
Dual N-Channel Mode Power MOSFET
SSG4930N SECOS-SSG4930N Datasheet
459Kb / 4P
Dual N-Channel Mode Power MOSFET
SSG4942N SECOS-SSG4942N Datasheet
151Kb / 2P
Dual N-Channel Mode Power MOSFET
SSG4934N SECOS-SSG4934N Datasheet
126Kb / 2P
Dual N-Channel Mode Power MOSFET
SSG4902NA SECOS-SSG4902NA Datasheet
336Kb / 4P
Dual N-Channel Mode Power MOSFET
SSG4920N SECOS-SSG4920N_15 Datasheet
406Kb / 4P
Dual N-Channel Mode Power MOSFET
SSG4934N SECOS-SSG4934N_15 Datasheet
126Kb / 2P
Dual N-Channel Mode Power MOSFET
SSG4942N SECOS-SSG4942N_15 Datasheet
151Kb / 2P
Dual N-Channel Mode Power MOSFET
SSG4990N SECOS-SSG4990N_15 Datasheet
151Kb / 2P
Dual-N Channel Mode Power MOSFET
SSPS920NE SECOS-SSPS920NE_15 Datasheet
487Kb / 4P
Dual-N Channel Mode Power MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com