Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SVPF Datasheet(PDF) 1 Page - Panasonic Battery Group

Part # SVPF
Description  Aluminum-Polymer Solid Capacitors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONICBATTERY [Panasonic Battery Group]
Direct Link  http://www.panasonic.com/industrial/batteries-oem/
Logo PANASONICBATTERY - Panasonic Battery Group

SVPF Datasheet(HTML) 1 Page - Panasonic Battery Group

  SVPF Datasheet HTML 1Page - Panasonic Battery Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Aluminum-Polymer Solid Capacitors
New
Capacitors
Panasonic
New Product Introduction
Long Life Span and Minimal Changes in ESR Throughout the Rated Temperature Range
Panasonic, a worldwide leader in Capacitor Products, introduces
OS-CON Aluminum-Polymer Solid
Capacitors to their Capacitor product line. Available in both surface mount and through hole types,
the
OS-CON product line spans several Series of Solid Electrolyte Aluminum Capacitors, which
include
the SVP, SVPC, SVPF, SVPE, SEP, SEPC, and SEPF Series. OS-CON Capacitors utilize
aluminum and a high conductivity polymer material to offer low ESR, excellent noise reduction and ripple
current capabilities.
OS-CON parts are characterized by a long life span and minimal changes in ESR
throughout the entire rated temperature range.
• Very Low ESR (Down to 5m
Ω)
• Large Capacitance (Up to 2700µF)
• High Temp Reflow Solder Capable
• RoHS Compliant
• Highly Stable Temperature Characteristics
• Long Lifetime at High Temperatures
• Can Be Used Widely in Industrial Applicaitons
• Consumer Electronics
• Industrial Electronics
• Telecommunications
• Appliances
• LED Lighting
• PC/Server
• Set Top Box
• Audio/Video Equipment
• FPGA Power Delivery
• Router/Switch/Base Station
• Test and Measurement
Website: www.panasonic.com/industrial
industrial@us.panasonic.com
1-800-344-2112
Copyright © 2013 Panasonic Corporation of North America.
All Rights Reserved. Specifications are subject to change without notice.
OS-CON NPI, FY13-039-XXX
Features
Benefits
Industries
Applications
Part Number Information
Additional Information
For detailed specification information on the
OS-CON Line of
Polymer Aluminum Solid Capacitors, visit our website at:
www.panasonic.com/industrial/electronic-components/capacitive-products/
RoHS
COMPLIANT
Series Information
SVP, SVPC, SVPF, SVPE, SEP, SEPC, SEPF
Series
2 R 5
C
Rated Voltage
Series
Rated Capacitance
Cap. Tol.
S V P
0
1 5 0
M
1 6
F
Rated Voltage
Series
Rated Capacitance
Cap. Tol.
S E P
2 7 0
M
Taping Code
S
+ T S
Formation Code
Terminal Code
Through Hole Type
SMD Type
Series
Voltage
Capacitance
ESR
SVP
2.5-25 VDC
3.3-1500 µF
12-260 mΩ
SVPC
2.5-16 VDC
39-2700 µF
9-35 mΩ
SVPF
16-50 VDC
10-1000 µF
12-40 mΩ
SVPE
2-16 VDC
150-1200 µF
8-20 mΩ
SEP
2.5-25 VDC
6.8-1500 µF
12-80 mΩ
SEPC
2.5-16 VDC
100-2700 µF
5-24 mΩ
SEPF
16-35 VDC
22-1000 µF
12-35 mΩ


Similar Part No. - SVPF

ManufacturerPart #DatasheetDescription
logo
TEKTRONIX, INC.
SVPFL-SVPC TEKTRONIX-SVPFL-SVPC Datasheet
1Mb / 28P
Vector and RF Suite of Signal Analysis Software for PC SignalVu-PC-SVE Applications Datasheet
28 Sep 2016
SVPFL-SVPC TEKTRONIX-SVPFL-SVPC Datasheet
1Mb / 28P
Vector and RF Suite of Signal Analysis Software for PC
24 Jan 2018
More results

Similar Description - SVPF

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2R5SVPC1500M PANASONIC-2R5SVPC1500M Datasheet
273Kb / 1P
Aluminum-Polymer Solid Capacitors
logo
Panasonic Battery Group
SEP PANASONICBATTERY-SEP Datasheet
273Kb / 1P
Aluminum-Polymer Solid Capacitors
SEPC PANASONICBATTERY-SEPC Datasheet
273Kb / 1P
Aluminum-Polymer Solid Capacitors
SEPF PANASONICBATTERY-SEPF Datasheet
273Kb / 1P
Aluminum-Polymer Solid Capacitors
SVPE PANASONICBATTERY-SVPE Datasheet
273Kb / 1P
Aluminum-Polymer Solid Capacitors
logo
RUBYCON CORPORATION
2.5SWZ220MR06 RUBYCON-2.5SWZ220MR06 Datasheet
824Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SWZ220MR09 RUBYCON-2.5SWZ220MR09 Datasheet
824Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2SWZ270M1.9X7.3 RUBYCON-2SWZ270M1.9X7.3 Datasheet
824Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
4SWZ180MR09 RUBYCON-4SWZ180MR09 Datasheet
824Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
10SWZ47MR25 RUBYCON-10SWZ47MR25 Datasheet
824Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com