Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM2 Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # RM2
Description  SILICON RECTIFIER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

RM2 Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  RM2 Datasheet HTML 1Page - EIC discrete Semiconductors RM2 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RM2 - RM2Z
SILICON RECTIFIER DIODES
PRV : 200 - 1000 Volts
Io : 1.2 Amperes
FEATURES :
* High current capability
* High surge current capability
* High reliability
* Low reverse current
* Low forward voltage drop
MECHANICAL DATA :
* Case : D2A Molded plastic
* Epoxy : UL94V-O rate flame retardant
* Lead : Axial lead solderable per MIL-STD-202,
Method 208 guaranteed
* Polarity : Color band denotes cathode end
* Mounting position : Any
* Weight : 0.645 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherw ise specified.
Single phase, half w ave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL
RM2Z
RM2
RM2A
RM2B
RM2C
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
200
400
600
800
1000
Volts
Maximum RMS Voltage
VRMS
140
280
420
560
700
Volts
Maximum DC Blocking Voltage
VDC
200
400
600
800
1000
Volts
Maximum Average Forward Current
0.375"(9.5mm) Lead Length Ta = 70
°C
IF
1.2
Amps.
Peak Forward Surge Current
8.3ms Single half sine wave Superimposed
on rated load (JEDEC Method)
IFSM
100
Amps.
Maximum Forward Voltage at IF = 1.5 Amps.
VF
0.91
Volts
Maximum DC Reverse Current
Ta = 25
°C
IR
10
µA
at rated DC Blocking Voltage
Ta = 100
°C
IR(H)
50
µA
Typical Junction Capacitance (Note1)
CJ
30
pF
Typical Thermal Resistance (Note2)
R
θJA
50
°C/W
Junction Temperature Range
TJ
- 65 to + 175
°C
Storage Temperature Range
TSTG
- 65 to + 175
°C
Notes :
(1) Measured at 1.0 MHz and applied reverse voltage of 4.0VDC
(2) Thermal resistance from Junction to Ambient at 0.375" (9.5mm) Lead Lengths, P.C. Board Mounted.
UPDATE : MAY 27, 1998
RATING
D2A
0.040 (1.02)
0.0385 (0.98)
1.00 (25.4)
MIN.
0.161 (4.1)
0.154 (3.9)
0.284 (7.2)
0.268 (6.8)
1.00 (25.4)
MIN.
Dimensions in inches and ( millimeters )


Similar Part No. - RM2

ManufacturerPart #DatasheetDescription
logo
Sanken electric
RM2 SANKEN-RM2 Datasheet
20Kb / 1P
Rectifier Diodes
logo
Galaxy Semi-Conductor H...
RM2 BILIN-RM2 Datasheet
47Kb / 2P
PLASTIC SILICON RECTIFIER
logo
EIC discrete Semiconduc...
RM2 EIC-RM2 Datasheet
54Kb / 2P
SILICON RECTIFIER DIODES
logo
Shenzhen Taychipst Elec...
RM2 TAYCHIPST-RM2 Datasheet
832Kb / 1P
Rectifier Diodes
logo
Sanken electric
RM2 SANKEN-RM2 Datasheet
224Kb / 5P
Silicon Diode
More results

Similar Description - RM2

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
JAN1N645-1 MICROSEMI-JAN1N645-1 Datasheet
177Kb / 3P
Silicon Rectifier Diodes
logo
EIC discrete Semiconduc...
DL201 EIC-DL201 Datasheet
44Kb / 2P
SILICON RECTIFIER DIODES
DR200 EIC-DR200 Datasheet
44Kb / 2P
SILICON RECTIFIER DIODES
P800A EIC-P800A Datasheet
38Kb / 2P
SILICON RECTIFIER DIODES
logo
SynSemi, Inc.
BYW27-50 SYNSEMI-BYW27-50 Datasheet
30Kb / 2P
SILICON RECTIFIER DIODES
logo
EIC discrete Semiconduc...
BY251 EIC-BY251_05 Datasheet
47Kb / 2P
SILICON RECTIFIER DIODES
BYW27-50 EIC-BYW27-50_05 Datasheet
57Kb / 2P
SILICON RECTIFIER DIODES
10A01 EIC-10A01 Datasheet
40Kb / 2P
SILICON RECTIFIER DIODES
logo
Shenzhen Taychipst Elec...
S5566B TAYCHIPST-S5566B Datasheet
14Mb / 2P
SILICON RECTIFIER DIODES
logo
New Jersey Semi-Conduct...
BYX42 NJSEMI-BYX42 Datasheet
132Kb / 2P
SILICON RECTIFIER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com