Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECOS2CB152DA Datasheet(PDF) 10 Page - Panasonic Semiconductor

Part # ECOS2CB152DA
Description  Large Can Aluminum Electrolytic Capacitors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECOS2CB152DA Datasheet(HTML) 10 Page - Panasonic Semiconductor

Back Button ECOS2CB152DA Datasheet HTML 2Page - Panasonic Semiconductor ECOS2CB152DA Datasheet HTML 3Page - Panasonic Semiconductor ECOS2CB152DA Datasheet HTML 4Page - Panasonic Semiconductor ECOS2CB152DA Datasheet HTML 5Page - Panasonic Semiconductor ECOS2CB152DA Datasheet HTML 6Page - Panasonic Semiconductor ECOS2CB152DA Datasheet HTML 7Page - Panasonic Semiconductor ECOS2CB152DA Datasheet HTML 8Page - Panasonic Semiconductor ECOS2CB152DA Datasheet HTML 9Page - Panasonic Semiconductor ECOS2CB152DA Datasheet HTML 10Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Panasonic Industrial Company
Aluminum Electrolytic Capacitors
23
Design and specifications are subject to change without notice.
Contact the factory or your sales representative for technical specifications before purchase and/or use.
When safety concerns arise, please contact Panasonic immediately for technical consultation.
TS-UP Standard Ratings (continued)
Cap.
(µF)
120Hz
10kHz~
120Hz
20kHz
120
22 x 40
1.04
1.46
1.382
0.553
25 x 30
1.04
1.46
1.382
0.553
30 x 25
1.04
1.46
1.382
0.553
150
22 x 50
1.19
1.67
1.105
0.442
25 x 40
1.19
1.67
1.105
0.442
30 x 30
1.19
1.67
1.105
0.442
180
25 x 40
1.35
1.89
0.921
0.368
25 x 45
1.35
1.89
0.921
0.368
30 x 30
1.35
1.89
0.921
0.368
30 x 35
1.35
1.89
0.921
0.368
35 x 25
1.35
1.89
0.921
0.368
220
25 x 45
1.55
2.17
0.754
0.301
25 x 50
1.55
2.17
0.754
0.301
30 x 35
1.55
2.17
0.754
0.301
30 x 40
1.55
2.17
0.754
0.301
35 x 30
1.55
2.17
0.754
0.301
270
30 x 45
1.78
2.49
0.675
0.270
35 x 30
1.78
2.49
0.614
0.246
270
35 x 35
1.78
2.49
0.675
0.270
330
30 x 50
2.01
2.81
0.553
0.249
35 x 35
2.01
2.81
0.553
0.221
35 x 40
2.01
2.81
0.553
0.249
390
35 x 45
2.24
3.14
0.510
0.255
470
35 x 45
2.53
3.54
0.423
0.233
35 x 50
2.53
3.54
0.423
0.233
47
22 x 25
0.63
0.88
3.527
1.411
56
22 x 30
0.70
0.98
2.960
1.184
68
22 x 35
0.78
1.09
2.438
0.975
25 x 25
0.78
1.09
2.438
0.975
82
22 x 40
0.88
1.23
2.022
0.809
25 x 30
0.88
1.23
2.022
0.809
100
22 x 45
0.99
1.39
1.658
0.663
25 x 35
0.99
1.39
1.658
0.663
120
22 x 50
1.13
1.58
1.382
0.553
25 x 40
1.13
1.58
1.382
0.553
30 x 30
1.13
1.58
1.382
0.553
150
25 x 45
1.29
1.80
1.105
0.442
30 x 35
1.29
1.80
1.105
0.442
35 x 25
1.20
1.68
1.105
0.442
180
25 x 50
1.38
1.93
0.921
0.368
30 x 40
1.38
1.93
0.921
0.368
35 x 30
1.36
1.90
0.921
0.368
220
30 x 45
1.50
2.10
0.754
0.339
35 x 35
1.54
2.16
0.754
0.301
270
35 x 40
1.76
2.46
0.614
0.276
330
35 x 45
1.99
2.79
0.502
0.251
390
35 x 50
2.22
3.11
0.425
0.234
ECOS2HP181CA
ECOS2HP151DA
ECEC2WP181DA
ECOS2WP181EA
ECEC2WP221DX
ECEC2WP181EA
ECEC2WP221CX
ECOS2WP221CX
ECEC2HP680CA
ECEC2HP820BA
ECOS2HP181DA
ECOS2HP181EA
ECEC2WP331DA
ECEC2WP271DA
ECEC2WP271EX
ECEC2HP680BA
ECOS2HP560BA
ECOS2HP151EA
ECEC2HP820CA
ECEC2WP331EX
ECOS2HP820CA
ECOS2WP151BA
ECOS2WP151DA
ECOS2WP331DA
ECOS2HP680BA
500 VDC Working, 550 VDC Surge
ECEC2WP331EA
ECEC2WP391EA
ECEC2WP471EX
ECEC2WP471EA
ECOS2WP331EA
ECOS2HP151CA
ECEC2WP221CA
ECEC2WP221DA
ECOS2WP391EA
ECOS2WP471EX
ECOS2WP221EA
ECOS2WP271DA
ECEC2WP221EA
ECEC2HP101BA
ECEC2WP271EA
ECEC2WP121DA
ECOS2HP121CA
ECOS2HP121DA
4.0mm Length Terminal
ECEC2WP151CA
ECOS2WP271EX
ECOS2WP271EA
ECOS2WP331EX
ECOS2WP221CA
ECOS2WP221DA
ECOS2WP221DX
ECOS2WP471EA
ECOS2HP680CA
ECOS2HP101CA
ECOS2HP101BA
ECOS2HP820BA
ECEC2HP470BA
ECEC2HP560BA
ECOS2HP470BA
ECEC2HP101CA
ECOS2WP181DX
ECOS2WP181DA
450 VDC Working, 500 VDC Surge (continued)
ECOS2WP121BA
ECOS2WP151CA
ECEC2WP151BA
ECEC2WP151DA
ECOS2WP181CA
ECEC2WP181CA
ECEC2WP181DX
ECOS2WP121CA
ECOS2WP121DA
ECOS2WP181CX
6.3mm Length Terminal
ECEC2WP121BA
ECEC2WP121CA
ECOS2HP121BA
Size (mm)
Max 85°C R.C. (Arms)
20°C ESR ( , max.)
Panasonic Part Number (By Terminal Length)
Part numbers shown with 2 pins
D x L
ECEC2WP181CX
ECOS2HP221DA
ECOS2HP221EA
ECOS2HP271EA
ECOS2HP331EA
ECOS2HP391EA
ECEC2HP121BA
ECEC2HP121CA
ECEC2HP121DA
ECEC2HP151CA
ECEC2HP151DA
ECEC2HP151EA
ECEC2HP181CA
ECEC2HP181DA
ECEC2HP181EA
ECEC2HP391EA
ECEC2HP221DA
ECEC2HP221EA
ECEC2HP271EA
ECEC2HP331EA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com