Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9173B Datasheet(PDF) 2 Page - Integrated Device Technology

Part # ICS9173B
Description  VIDEO GENLOCK PLL
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9173B Datasheet(HTML) 2 Page - Integrated Device Technology

  ICS9173B Datasheet HTML 1Page - Integrated Device Technology ICS9173B Datasheet HTML 2Page - Integrated Device Technology ICS9173B Datasheet HTML 3Page - Integrated Device Technology ICS9173B Datasheet HTML 4Page - Integrated Device Technology ICS9173B Datasheet HTML 5Page - Integrated Device Technology ICS9173B Datasheet HTML 6Page - Integrated Device Technology ICS9173B Datasheet HTML 7Page - Integrated Device Technology ICS9173B Datasheet HTML 8Page - Integrated Device Technology ICS9173B Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IDT9173B
VIDEO GENLOCK PLL
CLOCK SYNTHESIZER
IDT™ VIDEO GENLOCK PLL
2
IDT9173B
REV B 111209
Pin Assignment
Pin Descriptions
Allowable Input Frequency to Output Frequency for IDT9173B-01 (in MHz)
(IDT9173B-15 outputs run at exactly half of the IDT9173B-01 frequencies)
FBIN
IN
GND
VDD
FS0
CLK1
OE
CLK2
1
2
3
4
8
7
6
5
8 pin SOIC
Pin Number
Pin Name
Pin Type
Pin Description
1
FBIN
Input
Feedback input.
2
IN
Input
Input for reference sync pulse.
3
GND
Power
Ground.
4
FS0
Input
Frequency select 0 input.
5
OE
Input
Output enable.
6
CLK1
Output
Clock output 1.
7
VDD
Power
Power supply (+5 V).
8
CLK2
Output
Clock output 2 (divided-by-2 from Clock 1).
fOUT for FS = 0
fOUT for FS = 1
fIN (kHz)
CLK1 Output
CLK2 Output
CLK1 Output
CLK2 Output
12 < fIN < 14 kHz
44.0 to 75
22.0 to 37.5
11.0 to 18.75
5.5 to 9.375
14 < fIN < 17 kHz
30.0 to 75
15.0 to 37.5
7.5 to 18.75
3.75 to 9.375
17 < fIN < 30 kHz
25.0 to 75
12.5 to 37.5
6.25 to 18.75
3.125 to 9.375
30 < fIN < 35 kHz
15.0 to 75
7.5 to 37.5
3.75 to 18.75
1.875 to 9.375
35 < fIN < 1000 kHz
10.0 to 75
5.0 to 37.5
2.5 to 18.75
1.25 to 9.375



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com