Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS1G-CPU44H Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # CS1G-CPU44H
Description  CS1 CPUs Mean Ultimate Performance
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CS1G-CPU44H Datasheet(HTML) 2 Page - Omron Electronics LLC

  CS1G-CPU44H Datasheet HTML 1Page - Omron Electronics LLC CS1G-CPU44H Datasheet HTML 2Page - Omron Electronics LLC CS1G-CPU44H Datasheet HTML 3Page - Omron Electronics LLC CS1G-CPU44H Datasheet HTML 4Page - Omron Electronics LLC CS1G-CPU44H Datasheet HTML 5Page - Omron Electronics LLC CS1G-CPU44H Datasheet HTML 6Page - Omron Electronics LLC CS1G-CPU44H Datasheet HTML 7Page - Omron Electronics LLC CS1G-CPU44H Datasheet HTML 8Page - Omron Electronics LLC CS1G-CPU44H Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
CPU Overview
Programmable Controller
CS1
C--12
CS1D Duplex System CPUs for Increased Reliability
J Features and Functions
•
High reliability for a no-fail redundant system. The CS1D offers
redundancy of CPUs, Power Supplies, and Controller Link
Network.
•
CPUs, Power Supplies, Communication Modules, Basic and
Special I/O Modules can be replaced during system operation.
Hot standby technology allows easy and fast maintenance.
•
Hot standby system adopted for CPU duplexing
•
Same support software as CS1 (CX-Programmer).
•
Complete compatibility among CS1 I/O Modules.
•
Same speed, I/O capacity and memory size as CS1.
•
Built-in peripheral and RS-232C port.
•
Inner board compartment for additional communications ports.
•
Basic specifications for CS1D Duplex CPUs.
J Basic Specifications for CS1D CPU Models
Model
No. of I/O bits
Program
capacity
Data memory
capacity
LD Instruction
processing
speed
Built-in ports
Options
CS1D-CPU65H
5,120 bits
60K steps
128K words
0.02
µs
Peripheral port
and RS-232C
t
Memory Cards
Inner board, such as
CS1D-CPU67H
250K steps
448K words
port
Inner board, such as
serial communication
board
Note: The available data memory capacity is the sum of the Data Memory (DM) and the Extended Data Memory (EM).
With the CS1 PLCs, Memory Cards and specified ranges of the EM Area can be used as file memory. File memory can be used to
store the entire user program, I/O memory contents, and/or parameter area contents.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com