Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS18100X Datasheet(PDF) 53 Page - Cirrus Logic

Part # CS18100X
Description  Digital Audio Networking Processor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS18100X Datasheet(HTML) 53 Page - Cirrus Logic

Back Button CS18100X Datasheet HTML 46Page - Cirrus Logic CS18100X Datasheet HTML 47Page - Cirrus Logic CS18100X Datasheet HTML 48Page - Cirrus Logic CS18100X Datasheet HTML 49Page - Cirrus Logic CS18100X Datasheet HTML 50Page - Cirrus Logic CS18100X Datasheet HTML 51Page - Cirrus Logic CS18100X Datasheet HTML 52Page - Cirrus Logic CS18100X Datasheet HTML 53Page - Cirrus Logic CS18100X Datasheet HTML 54Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 53 / 54 page
background image
CobraNet Hardware User’s Manual
Ordering Information
DS651UM23
©Copyright 2005 Cirrus Logic, Inc.
53
Version 2.3
10.0 Ordering Information
10.1 Device Part Numbers
CS181002-CQ/A1
2x2 Channels
0
°C to +70°C
144-pin LQFP
CS181012-CQ/A1
8x8 Channels
0
°C to +70°C
144-pin LQFP
CS181022-CQ/A1
16x16 Channels
0
°C to +70°C
144-pin LQFP
CS181002-CQZ/A1
2x2 Channels
0
°C to +70°C
144-pin LQFP
Lead Free
CS181012-CQZ/A1
8x8 Channels
0
°C to +70°C
144-pin LQFP
Lead Free
CS181022-CQZ/A1
16x16 Channels
0
°C to +70°C
144-pin LQFP
Lead Free
CS496102-CQZ/A1
2x2 Channels + DSP
0
°C to +70°C
144-pin LQFP
Lead Free
CS496112-CQZ/A1
8x8 Channels + DSP
0
°C to +70°C
144-pin LQFP
Lead Free
CS496122-CQZ/A1
16x16 Channels + DSP
0
°C to +70°C
144-pin LQFP
Lead Free
10.2 Device Part Numbering Scheme
Figure 32. Device Part Numbering Explanation
CS1810x2 — CQZ/A1
Base Part Number
Temperature Grade Designator:
C = Commercial (0
°C to +70°C)
Package Type:
Q = LQFP (144-pin)
ROM Version
(ROM ID)
Die Revision
Channel Count Designator:
0 = 2x2
1 = 8x8
2 = 16x16
Z = Lead-free Device Packaging
Lead-free Designator:
(not present if device contains lead)
CS4961x2 — CQZ/A1
Base Part Number
Temperature Grade Designator:
C = Commercial (0
°C to +70°C)
Package Type:
Q = LQFP (144-pin)
Note:
Go to the Cirrus Logic Internet site at http://www.cirrus.com to find contact information for your local sales representative.
Z = Lead-free Device Packaging
Lead-free Designator:
ROM Version
(ROM ID)
Die Revision
Channel Count Designator:
0 = 2x2
1 = 8x8
2 = 16x16
(not present if device contains lead)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com