Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS18101X Datasheet(PDF) 32 Page - Cirrus Logic

Part # CS18101X
Description  Digital Audio Networking Processor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS18101X Datasheet(HTML) 32 Page - Cirrus Logic

Back Button CS18101X Datasheet HTML 28Page - Cirrus Logic CS18101X Datasheet HTML 29Page - Cirrus Logic CS18101X Datasheet HTML 30Page - Cirrus Logic CS18101X Datasheet HTML 31Page - Cirrus Logic CS18101X Datasheet HTML 32Page - Cirrus Logic CS18101X Datasheet HTML 33Page - Cirrus Logic CS18101X Datasheet HTML 34Page - Cirrus Logic CS18101X Datasheet HTML 35Page - Cirrus Logic CS18101X Datasheet HTML 36Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 54 page
background image
32
©Copyright 2005 Cirrus Logic, Inc.
DS651UM23
Version 2.3
CobraNet Hardware User’s Manual
Host Management Interface (HMI)
7.4.3 Data
Before accessing data, address setup must be performed. Address setup consists of
issuing a
Translate Address request, waiting for the request to complete, then issuing a
Goto Translation.
Pipelining requires that a
“garbage read” be performed following an address change. The
second word read contains the data for the address requested. No similar pipelining issue
exists with respect to write operations.
7.4.3.1. Region length
Distance from the original pointer position (as per
Translate Address) to the end of the
instantiated region. A value of
0 indicates an invalid pointer.
7.4.3.2. Writable Region
When set, this bit indicates the address pointer is positioned within a writable region.
MI
variables may be modified in a writable region by writing data to the data conduit.
7.4.3.3. Translation Complete
When set, this bit indicates that the address translator is available (translation results are
available and a new translation request may be submitted). This bit is cleared when a
Translate Address message is issued and is set when the translation completes.
7.4.3.4. Packet Transmission Complete
This bit is cleared when transmission is initiated by issuance of the
Transmit Packet
message. The bit is set when the packet has been transmitted and the transmit buffer is
ready to accept a new packet.
7.4.3.5. Received Packet Available
This bit is set when a packet is received into the packet bridge. It is cleared when the
packet data is read and receipt is acknowledged by issuance of an
Acknowledge Packet
Receipt message. Note that Received Packet Available only goes low when there are no
longer any pending received packets for the packet bridge. The packet bridge has the
capacity to queue multiple packets in the receive direction.
7.4.3.6. Message Togglebit
This bit toggles on completion of processing of each message. A safe means for the host
to acknowledge processing of messages is as follows:
void WaitToggle( void )
{
int msgack = MSG_D; /* clean pipeline */
msgack = MSG_D; /* record current state of togglebit */
MSG_D = YOUR_COMMAND_HERE; /* issue command */
/* wait for togglebit to flip */
while( !( ( msgack ^ MSG_D ) & ( 1 << MSG_TOGGLE_BO ) ) );
}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com