Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IB883 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # IB883
Description  3.5" Disk-Size SBC
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IB883 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  IB883 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2-20
Remarks: 1. Specifications are subject to change without prior notice.
2. ODM/OEM is available.
3. For user’s manual & datasheet download, visit www.ibase.com.tw.
Intel® Atom™ N270 3.5" Disk-Size SBC with
Intel® 945GSE Chipset
Intel® Atom™ N270 3.5" Disk-Size SBC with
Intel® 945GSE Chipset
IB887
IB883
Features
● Onboard Intel® Atom™ Processor N270,
1.6GHz, 533MHz FSB
● 1x DDR2 SO-DIMM, Max. 2GB
● Intel® 945GSE VGA for CRT / LVDS
● 2x Intel® PCI-E Gigabit LAN
● Watchdog timer, Digital I/O
● 1x SATA, 4x USB 2.0, 2x COM, CF socket
Audio
VGA
USB
RJ-45
KB/Mouse
LVDS
DC In
(12V)
USB
SATA
Digital I/O
COM Port
DDR2 Socket
CF Socket
HDD
Power
Smart
Battery
Interface
Specifications
CPU
Intel® Atom™ Processor N270, 1.6GHz
System Memory
1x DDR2 SO-DIMM, 400/533MHz, Max. 2GB
System Chipset
Intel® 945GSE + ICH7M, 533MHz FSB
BIOS
Award
Watchdog Timer
256 levels
SSD
Type II CF socket
H/W Monitor
Yes
Expansion Slots
N/A
VGA Controller
Intel® 945GSE integrated GMA950
VGA Memory
Supports DVMT 4.0; Max. shared memory - 224MB
Display Interface
Supports CRT VGA & 24-bit dual channel LVDS
LAN Controller
2x Intel® 82574L PCI-E Gigabit LAN
Connector
RJ-45 on board
I/O Chipset
ICH7M, Winbond W83627EHG
1x IDE, 1x KB, 1x mouse, 1x RS232,
1x RS-232/422/485, 1x SATA
USB
2 ports on board
Pin header for 2 ports (USB 2.0)
Audio
Built-in Intel® HD audio + ALC662 codec for 6 channels
Others
Digital I/O, +12V DC In
Dimensions
102mm x 147mm (4” x 5.8”)
Max. Power Requirement
Intel® Atom™ N270 1.6GHz
w/ 512MB DDR2-533
+12V: 2.03A
Operating Temperature
0°C~60°C (32°F~140°F)
Storage Temperature
-20°C~80°C (-4°F~176°F)
Relative Humidity
10%~90% (non-condensing)
Ordering Information
IB887
Intel® Atom™ N270 945GSE 3.5-inch Disk Size SBC w/
VGA and dual PCI-E Gigabit LAN
IB47A
Cable kit for IB887 series, w/ IDE, PS/2, audio, USB,
COM, power cable and SATA
HSIB883-BGA1-4
Heatsink for IB883/IB887 BGA
ASB200-887M
Aluminum Chassis for IB887 3.5” SBC,
Intel® AtomTM N270(1.6GHz) CPU,
2.5” HDD holder, 60W power adaptor
Features
● Onboard Intel® Atom™ Processor
N270, 1.6GHz, 533MHz FSB
● 1x DDR2 SO-DIMM, Max. 2GB
● Intel® 945GSE VGA for CRT / LVDS
● Onboard Chrontel CH7307 for DVI
● 2x Intel® PCI-E Gigabit LAN
● Watchdog timer, Digital I/O
● 1x SATA, 4x USB 2.0, 2x COM, CF socket
Audio
DVI-D
USB
RJ-45
KB/Mouse
DC In(12V)
LVDS
CRT
USB
SATA II
Digital I/O
COM Port
DDR2 Socket
CF Socket
HDD
Power
Smart
Battery
Interface
Specifications
CPU
Intel® Atom™ Processor N270, 1.6GHz
System Memory
1x DDR2 SO-DIMM, 400/533MHz, Max. 2GB
System Chipset
Intel® 945GSE + ICH7M, 533MHz FSB
BIOS
Award
Watchdog Timer
256 levels
SSD
Type II CF socket
H/W Monitor
Yes
Expansion Slots
LPC I/O interface for optional COM3~COM6
VGA Controller
Intel® 945GSE integrated GMA950
VGA Memory
Supports DVMT 4.0; Max. shared memory - 224MB
Display Interface
Supports CRT VGA & 18-bit single channel LVDS, Chrontel CH7307
on board for DVI port
LAN Controller
2x Intel® 82574L PCI-E Gigabit LAN
Connector
RJ-45 on board
I/O Chipset
ICH7M, Winbond W83627EHG
1x IDE, 1x KB, 1x mouse, 1x RS232,
1x RS-232/422/485, 1x SATA
USB
2 ports on board
Pin header for 2 ports (USB 2.0)
Audio
Built-in Intel® HD Audio + ALC662 codec for 6 channels
Others
Digital I/O, +12V DC In
Dimensions
102mm x 147mm (4” x 5.8”)
Max. Power Requirement
Intel® Atom™ N270 1.6GHz
w/ 512MB DDR2-533
+12V: 1.45A
Operating Temperature
0°C~60°C (32°F~140°F)
Storage Temperature
-20°C~80°C (-4°F~176°F)
Relative Humidity
10%~90% (non-condensing)
Ordering Information
IB883
Intel® Atom™ N270 945GSE 3.5-inch Disk Size SBC w/
VGA and dual PCI-E Gigabit LAN
IB47
Cable kit for IB883 series, w/ IDE, PS/2, audio, USB,
VGA, COM, power cable and SATA
HSIB883-BGA1-4
Heatsink for IB883/IB887 BGA
ASB200-883
Aluminum Chassis with IB883 3.5” SBC Intel® Atom™ N270 (1.6GHz)
CPU, 2.5” HDD holder, VGA, 60W power adaptor
ASB200-883-6COMF
Aluminum Chassis with IB883 3.5” SBC, Intel® Atom™ N270
(1.6GHz) CPU, 2.5” HDD holder, 6x COM, DVI+CRT,
60W power adaptor
CSB200-883M
Fanless Chassis with IB883 3.5” SBC, w/ 2.5” HDD holder, 60W power
adaptor, mounting brackets
CSB100-883
Steel Chassis for IB883 3.5” SBC, 2.5” HDD holder,
COM, 60W power adaptor
4
USB
4
USB
2
COM
1
SATA II
2
GbE LAN
2
COM
1
SATA II
2
Gbe LAN
3.5" Disk-Size SBC


Similar Part No. - IB883

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IB884T ETC2-IB884T Datasheet
941Kb / 1P
Supports CRT and LVDS (24-bit single channel)
IB884T-11 ETC2-IB884T-11 Datasheet
941Kb / 1P
Supports CRT and LVDS (24-bit single channel)
IB884T-11 ETC2-IB884T-11 Datasheet
941Kb / 1P
Supports CRT and LVDS (24-bit single channel)
IB886 ETC2-IB886 Datasheet
941Kb / 1P
Supports CRT and LVDS (24-bit single channel)
IB886 ETC2-IB886 Datasheet
941Kb / 1P
Supports CRT and LVDS (24-bit single channel)
More results

Similar Description - IB883

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ASB200-895 ETC2-ASB200-895 Datasheet
1Mb / 1P
Slim Type System for IBASE IB895 3.5??Disk-Size SBC
CSB100-550-4COM ETC2-CSB100-550-4COM Datasheet
1,021Kb / 1P
Slim Type for IBASE IB550F 3.5" Disk-Size SBC
CSB100-891 ETC2-CSB100-891 Datasheet
990Kb / 1P
Slim Type for IBASE IB891 3.5" Disk-Size SBC
IB815 ETC2-IB815 Datasheet
1Mb / 1P
Intel짰 Atom??D525 5.25" Disk-Size SBC w/ Intel짰 ICH8M Chipset
IB895 ETC2-IB895 Datasheet
601Kb / 1P
Intel AtomTM D2550 / N2600 3.5" Disk-Size SBC w/ Intel NM10 PCH
logo
Protech Systems Co., Lt...
EB-821LF PROTECHSYSTEMS-EB-821LF Datasheet
557Kb / 2P
3.5" SBC with Intel짰 Atom?
logo
VIA Technologies, Inc.
VB9001 VIA-VB9001 Datasheet
456Kb / 2P
3.5 SBC Series
VAB-630 VIA-VAB-630 Datasheet
518Kb / 2P
3.5' SBC Series
logo
List of Unclassifed Man...
IB897 ETC1-IB897 Datasheet
355Kb / 1P
Intel짰 Atom??Processor E3800 Series 3.5-inch Disk-Size SBC
logo
Advantech Co., Ltd.
PCA-6103P2V-0A2E ADVANTECH-PCA-6103P2V-0A2E_V01 Datasheet
2Mb / 4P
PICMG1.0 Full-Size SBC PICMG1.0 Full-Size SBC
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com