Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IB892 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # IB892
Description  Onboard Intel짰 Atom??E640T/ E660T processor up to 1.3GHz
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IB892 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  IB892 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2-18
Remarks: 1. Specifications are subject to change without prior notice.
2. ODM/OEM is available.
3. For user’s manual & datasheet download, visit www.ibase.com.tw.
Mechanical and Environmental
Dimensions
102mm x 147mm (4” x 5.8”)
Max. Power
Requirement
Intel® Atom™ E640T 1.3GHz
w/ 1GB DDR2-800
+12V:0.8A
Operating
Temperature
-40°C~75°C (-40°F~167°F)
Storage
Temperature
-40°C~80°C (-40°F~176°F)
Relative
Humidity
10%~90% (non-condensing)
Ordering Information
IB892-10T
Intel® Atom
 E640T 1.0GHz onboard, 3.5-inch Disk
Size SBC w/ CRT and PCI-E Gigabit LAN, Wide Temp.
support
IB892-13T
Intel® Atom
 E660T 1.3GHz onboard, 3.5-inch Disk
Size SBC w/ CRT and PCI-E Gigabit LAN, Wide Temp.
support
IB65
Cable kit IB892 series , w/ SATA + power cable, COM,
USB, Audio, power cable
HSIB892-BGA
Heatsink for IB892 series
Intel® Atom™ E600 series processor 3.5" Disk-Size SBC
w/ Intel® EG20T Chipset
IB892
Features
● Onboard Intel® Atom™ E640T/ E660T processor,
up to 1.3GHz
● DDR2-800 1GB memory on board
● Supports VGA and LVDS (18/24-bit single channel)
● 1x Intel® PCI-E Gigabit LAN
● 4x USB, 4x COM, 1x SATA II, 1x CFast,
1x Micro SD slot
● 1x Mini PCI-E slot, Watchdog timer
RJ-45
LVDS
DC In
(12V)
SATA II
COM 2~4
CFast
VGA
USB
COM 1
Mini PCI-E
Audio
LCD
Backlight
KB/Mouse
Micro SD Slot
System
CPU
Intel® Atom™ E640T, 1.0GHz (w/ Wide Temp. support)
Intel® Atom™ E660T, 1.3GHz (w/ Wide Temp. support)
System Memory
DDR2 -800 1GB memory on board
System Chipset
Intel® EG20T I/O controller hub
BIOS
AMI BIOS
Watchdog Timer
256 levels
SSD
1x CFast, 1x Micro SD slot
H/W Monitor
Yes
Expansion Slots
1x Mini PCI-E
Graphics
VGA Controller
Integrated 2D/3D graphics
VGA Memory
Max. shared memory - 64MB
Display Interface
Supports VGA and 18/24-bit single channel LVDS
LAN
Controller
Intel® 82574IT PCI-E GbE LAN
Connector
RJ-45 on board
Multi I/O
I/O Chipset
Nuvoton NCT6627UD
3x RS232, 1x RS-232/422/485, 1x SATA II, 1x CFast
USB
2 ports on board
Pin header for 2 ports (USB 2.0)
Audio
Intel® Atom™ E6x0T series built-in audio w/ Realtek
ALC662 codec for 5.1 CH
Others
Digital I/O, +12V DC In
4
USB
4
COM
2
SATA II
1
Gbe LAN
Dimensions Drawing
3.5" Disk-Size SBC


Similar Part No. - IB892

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IB891 ETC2-IB891 Datasheet
914Kb / 1P
Supports VGA and LVDS 2x Realtek 8111DL PCI-E Gigabit LAN
IB891-D5 ETC2-IB891-D5 Datasheet
914Kb / 1P
Supports VGA and LVDS 2x Realtek 8111DL PCI-E Gigabit LAN
IB893 ETC2-IB893 Datasheet
516Kb / 1P
Onboard Intel짰 AtomTM D525 DC Processor 1.8GHz
IB895 ETC2-IB895 Datasheet
601Kb / 1P
Intel AtomTM D2550 / N2600 3.5" Disk-Size SBC w/ Intel NM10 PCH
IB895N ETC2-IB895N Datasheet
601Kb / 1P
Intel AtomTM D2550 / N2600 3.5" Disk-Size SBC w/ Intel NM10 PCH
More results

Similar Description - IB892

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
EPC-CV1 AAEON-EPC-CV1 Datasheet
426Kb / 2P
Intel짰 Atom??Processor N2600
AEC-6522 AAEON-AEC-6522 Datasheet
258Kb / 2P
Intel짰 Atom??N455/D525 Processor
AEC-6523 AAEON-AEC-6523 Datasheet
284Kb / 2P
Intel짰 Atom??N2600 Processor
AEC-6612A AAEON-AEC-6612A Datasheet
229Kb / 2P
Intel짰 Atom??D510 Processor
AEC-6612B AAEON-AEC-6612B Datasheet
271Kb / 2P
Intel짰 Atom??D525 Processor
AOP-8080XT AAEON-AOP-8080XT Datasheet
266Kb / 2P
Onboard Intel짰 Celeron짰 M Processor
XTX-U15B AAEON-XTX-U15B Datasheet
317Kb / 2P
XTX CPU Module With Onboard Intel짰 Atom??Z530P/Z510P Processor
logo
Intel Corporation
CH80566EE014DT INTEL-CH80566EE014DT Datasheet
1Mb / 73P
Intel짰 Atom??Processor Z5xx? Series
logo
List of Unclassifed Man...
MB836 ETC2-MB836 Datasheet
482Kb / 1P
Onboard Intel짰 Atom??Processor N270, 1.6GHz 533MHz FSB
logo
Intel Corporation
STCK1A8LFC INTEL-STCK1A8LFC Datasheet
312Kb / 4P
Quad-core Intel짰 Atom??processor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com