Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IB930 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # IB930
Description  Supports dual display (CRT / LVDS)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IB930 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  IB930 Datasheet HTML 1Page - List of Unclassifed Manufacturers IB930 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Remarks: 1. Specifications are subject to change without prior notice.
2. ODM/OEM is available
5-12
Features
● Supports Intel® Core™2 Quad / Core™2 Duo / Celeron® processors,
667/800/1066MHz FSB
● 2x DDR2 SO-DIMM, Max. 4GB
● Supports dual display (CRT / LVDS)
● Intel® 82567LM Gigabit LAN
● 5.1CH HD Audio, CF socket, LAN Wakeup
● Watchdog timer, Digital I/O, PCI to ISA bridge
● 2x SATA II, 5x USB 2.0, 4x COM,1x ISA, 1x LPT, 1x Mini PCI-E
Features
● Supports Intel® Core™2 Duo processors Up to 2.33GHz, 667MHz FSB
● 1x DDR2 DIMM, Max. 2GB
● Integrated Intel® 945GME VGA controller supports CRT and LVDS
● Marvell 88E8053 PCI-E Gigabit LAN
● 5x USB 2.0, 4x COM, 2x SATA, 1x Mini PCI
● Watchdog timer, Digital I/O, PCI to ISA bridge
DDR2
SO-DIMM
SATA II
LVDS
Intel® GM45
Chipset
Socket P
RJ-45
Audio
USB
VGA
KB/Mouse
ICH9EM
External
Keyboard
COM1~4
+12V power
connector
ATX Power
Digital I/O
IrDA
LPT
ATX Power
Socket M
RJ-45
Mini PCI
IDE
LVDS
BIOS
LPT
Serial
Ports
Audio
USB
SATA
Power from
Backplane
DC-In
VGA
USB
ICH7M
Intel®
945GME
Chipset
DDR2
DIMM Socket
Panel Inverter Power
Digital I/O
External
Keyboard
KB/Mouse
Intel® Core™2 Quad-Based
Socket P Half-Size PISA CPU Card w/
Intel® GM45 Express chipset
IB946
Intel® Core™2 Duo-Based
IB930
Socket M Half-Size PISA CPU Card w/ Mobile
Intel® 945GME Chipset
6
USB
4
COM
2
SATA II
1
Gbe LAN
5
USB
4
COM
2
SATA
1
Gbe LAN
Specifications
CPU Socket
Socket P for Intel® Core™2 Quad /Core™2 Duo / Celeron®
processors
System Memory
2x DDR2 SO-DIMM, Max. 4GB
System Chipset
Intel® GM45 + ICH9M, 667/800/1066MHz FSB
BIOS
Award
Watchdog Timer
256 levels
SSD
Type II CF socket
H/W Monitor
Yes
Expansion Slot
1x Mini PCI-E
VGA Controller
Intel® GM45 integrated GMA4500 MHD
VGA Memory
Supports DVMT 5.0; Max. shared memory - 1GB
LCD Interface
Supports CRT & 18-bit/24-bit dual channel LVDS
LAN Controller
Intel® 82567LM Gigabit LAN
Connector
RJ-45 on board
I/O Chipset
Winbond W83627EHG + Fintek F81216AD
1x LPT, 1x IrDA, 1x KB, 1x mouse,
3x RS232, 1x RS-232/422/485, 2x SATA II (3.0Gb/sec.)
USB
1 port on board
Pin header for 4 ports (USB 2.0)
Audio
Intel® built-in HD audio w/ Realtek ALC662 codec for 5.1CH
Others
ITE IT8888G PCI to ISA bridge (w/o ISA master), IrDA,
Digital I/O (4-in/4-out)
Dimensions
186mm x 129mm (7.32“ x 5.08“)
Max. Power
Requirement
Intel® Core™2 Duo T9400 2.53GHz
w/ 2x 2GB DDR2-800
+3.3V:0.24A
+5V: 3.30A
+12V: 1.92A
Operating
Temperature
0°C~60°C (32°F~140°F)
Storage Temperature -20°C~80°C (-4°F~176°F)
Relative Humidity
10%~90% (non-condensing)
Ordering Information
IB946
Socket P GM45 Half-Size CPU card with VGA, LVDS, CF, Mini
PCI-E and 1x Gigabit LAN
Specifications
CPU Socket
Socket M Intel® Core™2 Duo / Core™ Duo / Celeron®,
up to 2.33GHz
System Memory
1x DDR2 DIMM, Max. 2GB
System Chipset
Mobile Intel® 945GME + ICH7M, 533MHz/667MHz FSB
BIOS
Award
Watchdog Timer
256 levels
SSD
CF socket
H/W Monitor
Yes
Expansion Slot
1x Mini PCI
VGA Controller
Intel® Graphics Media Accelerator (GMA) 950,
supports CRT, LVDS
VGA Memory
Max shared memory - 224MB
LCD Interface
Supports 24-bit single or dual channel LVDS
LAN Controller
Marvell 88E8053 PCI-E Gigabit LAN
Connector
RJ-45 on board
I/O Chipset
ICH7M, Winbond W83627EHG, Fintek F81216
1x IDE, 1x LPT, 1x KB, 1x mouse,
3x RS232, 1x RS-232/422/485, 2x SATA
USB
1 port on board and 4 ports via pin header (USB 2.0)
Audio
Built-in audio + Realtek ALC662 codec for 5.1CH
Others
ITE IT8888G PCI to ISA bridge (w/o ISA master), IrDA,
Digital I/O (4-in/4-out)
Dimensions
186mm x 129mm (7.32“ x 5“)
Max. Power
Requirement
Core Duo™ 2.33GHz, 667MHz FSB, 1GB DDR2
+5V: 3.85A
+12V: 2.15A
Operating
Temperature
0°C~60°C (32°F~140°F)
Storage Temperature -20°C~80°C (-4°F~176°F)
Relative Humidity
10%~90% (non-condensing)
Ordering Information
IB930H
Socket M Intel® 945GME Half-Size CPU Card w/ VGA and PCI-E
Gigabit LAN


Similar Part No. - IB930

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IB935 ETC2-IB935 Datasheet
1Mb / 2P
Integrated VGA(GMA3100), CRT suppor
IB935RF ETC2-IB935RF Datasheet
1Mb / 2P
Integrated VGA(GMA3100), CRT suppor
IB936F ETC2-IB936F Datasheet
1Mb / 1P
4x SATA II, 4x USB 2.0, 2x COM, Watchdog timer
More results

Similar Description - IB930

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
EBOX623-831-FL AXIOMTEK-EBOX623-831-FL Datasheet
340Kb / 1P
Supports VGA and DisplayPort dual display
EBOX630-830-FL AXIOMTEK-EBOX630-830-FL Datasheet
336Kb / 1P
Supports dual display with different content
logo
List of Unclassifed Man...
MB950 ETC2-MB950 Datasheet
707Kb / 1P
Supports dual independent display; DVI-D/ VGA
MI910 ETC2-MI910 Datasheet
1Mb / 2P
Supports CRT, LVDS, optional DVI
MI945 ETC2-MI945 Datasheet
528Kb / 1P
Integrated VGA for CRT & LVDS
IB884T ETC2-IB884T Datasheet
941Kb / 1P
Supports CRT and LVDS (24-bit single channel)
IB884T-11 ETC2-IB884T-11 Datasheet
941Kb / 1P
Supports CRT and LVDS (24-bit single channel)
logo
Axiomtek Co., Ltd.
EBOX623-831-FL AXIOMTEK-EBOX623-831-FL_16 Datasheet
364Kb / 1P
Supports VGA and DisplayPort dual display
EBOX660-872-FL AXIOMTEK-EBOX660-872-FL_16 Datasheet
334Kb / 1P
Supports VGA and DisplayPort for dual display
EBOX660-872-FL-DH AXIOMTEK-EBOX660-872-FL-DH Datasheet
340Kb / 1P
Supports VGA and DisplayPort for dual display
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com