Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IB936F Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # IB936F
Description  4x SATA II, 4x USB 2.0, 2x COM, Watchdog timer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IB936F Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  IB936F Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CPU Cards
CPU Cards
For user’s manual & datasheet download, visit www.ibase.com.tw
6-5
Intel® CoreTM2 Quad-Based
LGA775 PICMG 1.3 Intel® CoreTM2 Quad / CoreTM2 Duo Full-Sized CPU Card w/ Intel® Q35 Chipset
4
USB
2
COM
4
SATAII
2
Gbe LAN
Features
● Support Intel® CoreTM 2 Quad / CoreTM 2 Duo /
Pentium® Dual-Core / Celeron® processors,
800/1066/1333MHz FSB
● 2x DDRII DIMM, Max. 4GB
● Integrated VGA(GMA3100), CRT support
● 2x Gigabit LAN
● 4x SATA II, 4x USB 2.0, 2x COM, Watchdog timer
System
CPU Socket
LGA775 for Intel® CoreTM 2 Quad / CoreTM 2 Dual /
Pentium® Dual-Core / Celeron® processors
System Memory
2x DDR2 DIMM, Max. 4GB
System Chipset
Intel® Q35 + ICH9, 800/1066/1333MHz FSB
BIOS
Award
Watchdog Timer
256 levels
SSD
N/A
H/W Monitor
Yes
Expansion Slots
Via backplane
Graphics
VGA Controller
Intel® Q35 GMCH integrated graphics (GMA3100)
VGA Memory
Max. shared memory – 256MB
Display Interface
Supports CRT
LAN
Controller
2x Realtek RTL8111E PCI-E Gigabit LAN
Connector
2x RJ-45 on board
Multi I/O
I/O Chipset
Winbond W83627EHG
1x IDE, 4x SATA II, 1x KB, 1x mouse,
1x FDD, 1x IrDA,
1x RS-232, 1x RS-232/422/485
USB
4 ports on board
Audio
Built-in HD audio+ Realtek ALC892 codec
Others
Digital I/O(4-in/4-out)
DDR2 Sockets
LPT
ATX Power
FDD
LGA775
CRT VGA
KB/Mouse
COM Ports
IrDA
SATAII
External Mouse
Intel® Q35
Chipset
ICH9
RJ45
Mechanical
and Environmental
Dimensions
338mm x 122mm (13.31” x 4.8”)
Max. Power
Requirement
TBC
Operating
Temperature
0°C~60°C (32°F~140°F)
Storage
Temperature
-20°C~80°C (-4°F~176°F)
Relative
Humidity
10%~90% (non-condensing)
Ordering Information
IB936F
LGA775 PICMG1.3 Q35 Full-Size CPU card w/ VGA and
dual Gigabit LAN


Similar Part No. - IB936F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IB930 ETC2-IB930 Datasheet
1Mb / 2P
Supports dual display (CRT / LVDS)
IB935 ETC2-IB935 Datasheet
1Mb / 2P
Integrated VGA(GMA3100), CRT suppor
IB935RF ETC2-IB935RF Datasheet
1Mb / 2P
Integrated VGA(GMA3100), CRT suppor
More results

Similar Description - IB936F

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
JSH-42L3AD3-5 JDSU-JSH-42L3AD3-5 Datasheet
941Kb / 45P
LW 4x/2x/1x FC SFP with DDM
logo
Advantech Co., Ltd.
PCM-9562 ADVANTECH-PCM-9562_12 Datasheet
1Mb / 2P
Intel짰 Atom??N450/D510 EBX SBC with 3 GbE, 6 COM, 3 SATA, 8 USB 2.0, 2 Watchdog
logo
List of Unclassifed Man...
MB980 ETC2-MB980 Datasheet
621Kb / 1P
10x USB 2.0, 4x USB 3.0, 6x COM, 6x SATA III
MI950 ETC2-MI950 Datasheet
769Kb / 1P
4x SATA II, 1x IDE, 6x USB 2.0, 2x COM
IB827 ETC2-IB827 Datasheet
1Mb / 1P
6x SATA II, 2x COM, 6x USB 2.0, Watchdog timer
MB935 ETC2-MB935 Datasheet
588Kb / 1P
4x SATA II, 4x COM, 4x USB 2.0, 1x IDE
CPU-1452 ETC2-CPU-1452 Datasheet
212Kb / 3P
Celeron 400MHz Fanless SBC with 4x USB 2.0 and 4x USB 1.1 ports (RoHS)
logo
Tripp Lite. All Rights ...
U360412 TRIPPLITE-U360412 Datasheet
498Kb / 2P
6-Port USB 3.0 SuperSpeed Charging Hub - 2x USB 3.0, 4x USB 2.0, 1 charging port
U360-412 TRIPPLITE-U360-412 Datasheet
511Kb / 2P
6-Port USB 3.0 SuperSpeed Charging Hub - 2x USB 3.0, 4x USB 2.0, 1 charging port
logo
FIBOX Enclosing innovat...
3530019 FIBOX-3530019 Datasheet
49Kb / 1P
Size 2 4x PG162x PG36
14.08.2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com