Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IB970RF Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # IB970RF
Description  24-bit dual channel LVDS (IB970RF / IB970F)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IB970RF Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  IB970RF Datasheet HTML 1Page - List of Unclassifed Manufacturers IB970RF Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
4-5
Remarks: 1. Specifications are subject to change without prior notice.
2. ODM/OEM is available.
3. For user’s manual & datasheet download, visit www.ibase.com.tw.
IB970
3rd Generation Intel® CoreTM i7/i5/i3/Pentium® PICMG® 1.0
Full-Size CPU Card w/ Intel® Q77 PCH
4
COM
2
SATA III
5
USB(2.0)
3
USB(3.0)
4
SATA II
2
Gbe LAN
DDR3 Sockets
DVI
ATX Power
LGA1155
VGA
RJ45
USB(2.0)
USB(3.0)
COM Ports
Intel® Q77
Chipset
SATA III
SATA II
LVDS
Mini PCI-E
System
CPU Socket
LGA1155 for 3rd Generation Intel® Core
TM i7/i5/i3
/ Pentium
® / QC/ DC processors, up to 3.9GHz
System Memory
2x DDR3 DIMM, Max. 16GB (Non-ECC)
System Chipset
IB970RF: Intel® Q77 PCH
IB970F/IB970: Intel® B75 PCH
BIOS
AMI
Watchdog Timer
256 levels
SSD
N/A
H/W Monitor
Yes
Expansion Slot
1x Mini PCI-E
Graphics
VGA Controller
3rd Generation Intel® Core
TM i7/i5/i3 / Pentium®
Processor integrated HD 4000 graphics
VGA Memory
Max. shared memory – 1024MB
Display Interface
Supports CRT, DVI-D
24-bit dual channel LVDS interface (IB970F/
IB970RF)
LAN
LAN Controller
Intel® 82579V Gigabit LAN PHY
Intel® 82583V PCI-E Gigabit LAN
Connector
RJ-45 on board
Multi I/O
I/O Chipset
Fintek F81866AD-I
3x RS232,
1x RS232/422/485(Jumperless selection),
1x KB,1x Mouse,
IB970RF: 4x SATA II, 2x SATAIII
IB970F: 5x SATA II, 1x SATAIII,
IB970: 5x SATA II, 1x SATAIII, 1x LPT
USB
1port USB2.0 & 1port USB 3.0 onboard
Pin headers for 4 ports USB 2.0 + 2 ports USB 3.0
Audio
Intel
® Q77/B75PCH built-in HD audio controller+
Realtek ALC662 codec
Others
Digital I/O(4-in/4-out), iSMART,
RAID(IB970RF only), TPM 1.2 (IB970RF / IB970F)
Mechanical and Environmental
Dimensions
338mm x 122mm (13.31” x 4.8”)
Max. Power
Requirement
3nd Generation Intel® Core™ i7-3770 3.4GHz
w/ 2x 2GB DDR3-1333
+5V: 4.75A
+12V: 1.23A
+3.3V: 0.33A +5Vsb: 0.37A
Operating
Temperature
0°C~60°C (32°F~140°F)
Storage
Temperature
-20°C~80°C (-4°F~176°F)
Relative
Humidity
10%~90% (non-condensing)
Ordering Information
IB970RF
LGA1155 Q77 Full-Size CPU Card w/ VGA, DVI-D, 24-bit
LVDS, dual Gigabit LAN, iSMART, TPM 1.2, RAID
IB970F
LGA1155 B75 Full-Size CPU Card w/ VGA, DVI-D, 24-bit
LVDS, dual Gigabit LAN, iSMART, TPM 1.2
IB970
LGA1155 B75 Full-Size CPU Card w/ VGA, DVI-D, dual
Gigabit LAN, iSMART
Features
● 3rd Generation Intel® CoreTM i7/i5/i3/
Pentium® QC/DC processors, up to 3.9GHz
● 2x DDR3 DIMM, Max. 16GB
● Intel® CoreTM Processor integrated graphics
HD4000, supports CRT,DVI-D
● 24-bit dual channel LVDS (IB970RF / IB970F)
● Dual Intel® Gigabit LAN
● 5x USB2.0, 3x USB3.0, 4x COM, 4x SATA II,
2x SATAIII
● Watchdog timer, Digital I/O
● 1x Mini PCI-E
Dimensions Drawing
NEW NEW
iSMART
Fanless
iSMART
NEW
FANLESS
Full-Size CPU Card


Similar Part No. - IB970RF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IB905 ETC2-IB905 Datasheet
528Kb / 1P
Supports DVI-I and LVDS( 24-bit dual channel)
IB905F ETC2-IB905F Datasheet
528Kb / 1P
Supports DVI-I and LVDS( 24-bit dual channel)
IB906 ETC2-IB906 Datasheet
583Kb / 1P
iSMART - for EuP/ErP power saving, auto-scheduler and power resume
IB906-1G ETC2-IB906-1G Datasheet
583Kb / 1P
iSMART - for EuP/ErP power saving, auto-scheduler and power resume
IB930 ETC2-IB930 Datasheet
1Mb / 2P
Supports dual display (CRT / LVDS)
More results

Similar Description - IB970RF

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
PER-T061 AAEON-PER-T061 Datasheet
182Kb / 1P
Support 24-bit Dual-channel LVDS
logo
Integrated Device Techn...
IDTV105ADAG IDT-IDTV105ADAG Datasheet
324Kb / 19P
DUAL-CHANNEL,TRIPLE 10-BIT LVDS TRANSMITTER
logo
Axiomtek Co., Ltd.
MANO825 AXIOMTEK-MANO825_14 Datasheet
454Kb / 2P
DualView with VGA & 24-bit LVDS
logo
List of Unclassifed Man...
IB884T ETC2-IB884T Datasheet
941Kb / 1P
Supports CRT and LVDS (24-bit single channel)
IB884T-11 ETC2-IB884T-11 Datasheet
941Kb / 1P
Supports CRT and LVDS (24-bit single channel)
IB905 ETC2-IB905 Datasheet
528Kb / 1P
Supports DVI-I and LVDS( 24-bit dual channel)
IB965 ETC2-IB965 Datasheet
822Kb / 2P
24-bit dual channel LVDS iSMART - for EuP/ErP power saving,
logo
AAEON Technology
EPIC-BT07 AAEON-EPIC-BT07 Datasheet
342Kb / 2P
lvds 24-bit dual channel
GENE-LN05REV.B AAEON-GENE-LN05REV.B Datasheet
289Kb / 2P
CRT, 18/24-bit Single Channel LVDS LCD
logo
Renesas Technology Corp
IDTV105A RENESAS-IDTV105A Datasheet
498Kb / 20P
DUAL-CHANNEL,TRIPLE 10-BIT LVDS TRANSMITTER
2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com