Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPPC-H07 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # IPPC-H07
Description  IP65 front panel protection
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IPPC-H07 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  IPPC-H07 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Remarks: 1. Specifications are subject to change without prior notice.
2.ODM/OEM is available
26
Features
● RISC 400MHz
● 64M Bytes memory supported
● Front keypads for OSD adjustment and function keys
● IP65 front panel protection
● Resistive pouch panel
● Fanless design
IPPC-H07
CPU Type
RISC (400 MHz)
Flash Memory
128M Bytes
RAM
64M Bytes
Non-volatile
Memory
8K Bytes
Chassis
Silver
Front Panel
External I/O
1x SD card slot (right-side)
I/O Interface
 
H07-P
H07-N
COM1
RS232
RS232/422/485
COM2
RS422/485 RS232/422/485
COM3
N/A
RS422/485
Ethernet
N/A
1x10/100bMbit
Expansion I/O
N/A (TBD based on customer needs)
Storage
USB: 1x Device, 1x Host ; SD card (Ethernet(-N) HMI
only)
Mounting
N/A
Power Supply
24V±20% DC, Isolated Power
Dimensions
199.8mm(W) x 147.8mm(H) x 40.1mm(D)
LCD Size
7” TFT
LCD Colors
65536
Touch Screen
Resistive Touch Panel
Display Resolution
800 x 480
LCD Brightness
300 cd/m2
Viewing Angle
45/65
Backlight MTBF
20,000 Hrs
Operating
Temperature
0°C~ 50°C
Storage
Temperature
-20°C~60°C
Relative Humidity
10~90RH (No frosting)
Protection Class
IP65 (Front panel with wall mount)
IPPC-H07
RISC 7” with resistive touch,400MHz CPU, 64M
Bytes on board,8watts Vdc input w/o power
adaptor
Ordering Information
Specifications
HMI
RISC-Based Fanless 7” HMI
NEW NEW
iSMART
Fanless
iSMART
NEW
FANLESS


Similar Part No. - IPPC-H07

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IPPC-H10 ETC2-IPPC-H10 Datasheet
273Kb / 1P
64M Bytes memory supported
More results

Similar Description - IPPC-H07

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PDC-190 ADVANTECH-PDC-190 Datasheet
580Kb / 2P
19 Medical Display with IP65 Front Panel
logo
Axiomtek Co., Ltd.
GOT3157W-832-PCT AXIOMTEK-GOT3157W-832-PCT Datasheet
481Kb / 2P
IP65 front bezel
logo
AAEON Technology
ACD-110D AAEON-ACD-110D Datasheet
189Kb / 2P
ip65 aliminum front bezel
logo
Axiomtek Co., Ltd.
GOT3187W-834-PCT AXIOMTEK-GOT3187W-834-PCT_16 Datasheet
508Kb / 2P
IP65 aluminum front bezel
logo
AAEON Technology
AHP-1125HTT-A1-1010 AAEON-AHP-1125HTT-A1-1010 Datasheet
256Kb / 2P
IP65 Plastic Front Bezel
OMNI-3195HTT-BT-A1-1010 AAEON-OMNI-3195HTT-BT-A1-1010 Datasheet
200Kb / 2P
IP65 Compliant Front Bezel
logo
Taoglas antenna solutio...
GSA.8827.A.101111 TAOGLAS-GSA.8827.A.101111 Datasheet
2Mb / 21P
Ingress protection rating IP65
logo
PHOENIX CONTACT
TP-5120S PHOENIX-TP-5120S Datasheet
58Kb / 3P
IP65 degree of protection (front) IP20 degree of protection (back)
TP-5150S PHOENIX-TP-5150S Datasheet
57Kb / 3P
IP65 degree of protection (front) IP20 degree of protection (back)
2701338 PHOENIX-2701338 Datasheet
79Kb / 8P
IP65 degree of protection (front) IP20 degree of protection (back)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com