Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPPC-H10 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # IPPC-H10
Description  64M Bytes memory supported
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IPPC-H10 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  IPPC-H10 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
For user’s manual & datasheet download, visit www.ibase.com.tw
25
Features
● RISC 400MHz
● 64M Bytes memory supported
● Front keypads for OSD adjustment and function keys
● IP65 front panel protection
● Resistive pouch panel
● Fanless design
IPPC-H10
CPU Type
RISC (400 MHz)
Flash Memory
128M Bytes
RAM
64M Bytes
Non-volatile
Memory
8K Bytes
Chassis
Silver
Front Panel
External I/O
1x SD card slot (right-side)
I/O Interface
 
H10-P
H10-N
COM1
RS232/422/485
RS232/422/485
COM2
RS232/422/485
RS232/422/485
COM3
N/A
RS422/485
Ethernet
N/A
1x10/100bMbit
Expansion I/O
N/A (no function temporarily, we will set it in the future
based on customer needs.)
Storage
USB: 1x Device, 1x Host ; SD card (Ethernet(-N) HMI only)
Mounting
N/A
Power Supply
24V±20% DC, Isolated Power
Dimensions
279.5mm(W) x 195.5mm(H) x 40.1mm(D)
LCD Size
10.2” TFT
LCD Colors
65536
Touch Screen
Resistive Touch Panel
Display Resolution
800 x 480
LCD Brightness
400 cd/m2
Viewing Angle
50/70
Backlight MTBF
20,000 Hrs
Operating
Temperature
0°C~ 50°C
Storage
Temperature
-20°C~60°C
Relative Humidity
10~90RH (No frosting)
Protection Class
IP65 (Front panel with wall mount)
IPPC-H10
RISC 10.2” with resistive touch,400MHz CPU,
64M Bytes on board,10watts Vdc input w/o
power adapter.
Ordering Information
Specifications
HMI
RISC-Based Fanless 10.2” HMI
NEW NEW
iSMART
Fanless
iSMART
NEW
FANLESS


Similar Part No. - IPPC-H10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IPPC-H07 ETC2-IPPC-H07 Datasheet
269Kb / 1P
IP65 front panel protection
More results

Similar Description - IPPC-H10

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9F1208Q0B SAMSUNG-K9F1208Q0B Datasheet
767Kb / 45P
64M x 8 Bit NAND Flash Memory
K9K1208U0M SAMSUNG-K9K1208U0M Datasheet
354Kb / 26P
64M x 8 Bit NAND Flash Memory
K9F1208R0B SAMSUNG-K9F1208R0B Datasheet
1Mb / 45P
64M x 8 Bit NAND Flash Memory
logo
SPANSION
MB84SD23280FA SPANSION-MB84SD23280FA Datasheet
428Kb / 40P
64M (X16) FLASH MEMORY 8M (X16) SRAM
logo
Freescale Semiconductor...
FTS64K FREESCALE-FTS64K Datasheet
549Kb / 44P
64k bytes of Flash memory
logo
Sharp Corporation
LH28F640BFHG-PBTLZ7 SHARP-LH28F640BFHG-PBTLZ7 Datasheet
755Kb / 36P
64M (x16) Flash Memory
logo
List of Unclassifed Man...
IPPC15A7-RE ETC2-IPPC15A7-RE Datasheet
245Kb / 1P
DDR3-1066 memory supported, up to 4GB
logo
ATMEL Corporation
AT89LV55 ATMEL-AT89LV55_14 Datasheet
585Kb / 32P
20K Bytes of Reprogrammable Flash Memory
AT87C5103 ATMEL-AT87C5103_14 Datasheet
580Kb / 2P
12K Bytes ROM/OTP Program Memory
logo
AiT Semiconductor Inc.
A25Q64 AITSEMI-A25Q64 Datasheet
1Mb / 56P
MEMORY SPI NOR FLASH 64M BIT
REV1.0
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com