Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCG4153 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SCG4153
Description  N-Channel Enhancement Mode MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SCG4153 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SCG4153 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SCG4153 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SCG4153 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SCG4153 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
Elektronische Bauelemente
SCG4153
0.8A , 20V , RDS(ON) 310 mΩ
Ω
Ω
Ω
N-Channel Enhancement Mode MOSFET
12-Mar-2013 Rev. A
Page 1 of 4
N3
= Date Code
RoHS Compliant Product
A suffix of “-C” specifies halogen and lead-free
DESCRIPTION
These miniature surface mount MOSFETs utilize a high
cell density trench process to provide low RDS(on) and to
ensure minimal power loss and heat dissipation.
MECHANICAL DATA
Trench Technology
Supper high density cell design
Excellent ON resistance
Extremely Low Threshold Voltage
APPLICATION
DC-DC converter circuit
Load Switch
MARKING
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOT-523
3K
7 inch
MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
Rating
Parameter
Symbol
10S
Steady State
Unit
Drain – Source Voltage
VDS
20
V
Gate – Source Voltage
VGS
±6
V
TA= 25°C
0.88
0.8
Continuous Drain Current
1
TA= 70°C
ID
0.71
0.64
A
TA= 25°C
0.37
0.3
Power Dissipation
1
TA= 70°C
PD
0.23
0.19
W
TA= 25°C
0.76
0.69
Continuous Drain Current
2
TA= 70°C
ID
0.6
0.55
A
TA= 25°C
0.27
0.22
Power Dissipation
2
TA= 70°C
PD
0.17
0.14
W
Pulsed Drain Current
3
IDM
1.4
A
Lead Temperature
TL
260
°C
Operating Junction & Storage Temperature Range
TJ, TSTG
150, -55~150
°C
SOT-523
Top View
A
L
M
C B
D
G
H
J
F
K
E
1
2
3
1
2
3
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
1.5
1.7
G
-
0.1
B
1.45
1.75
H
0.55 REF.
C
0.7
0.9
J
0.1
0.2
D
0.7
0.9
K
-
E
0.9
1.1
L
0.5 TYP.
F
0.15
0.35
M
0.25
0.325
Top View


Similar Part No. - SCG4153

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCG4153S SECOS-SCG4153S Datasheet
456Kb / 3P
0.915 A, 20 V, RDS(on) 570 m(ohm) N Channel Enhancement MOSFET
SCG4153 SECOS-SCG4153_15 Datasheet
683Kb / 4P
N-Channel Enhancement Mode MOSFET
More results

Similar Description - SCG4153

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN1012 SYNC-POWER-SPN1012 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN1423A SYNC-POWER-SPN1423A Datasheet
211Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2302M STANSON-ST2302M Datasheet
170Kb / 6P
N Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN4920A SYNC-POWER-SPN4920A Datasheet
235Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN4972 SYNC-POWER-SPN4972 Datasheet
242Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN8080 SYNC-POWER-SPN8080 Datasheet
239Kb / 10P
N-Channel Enhancement Mode MOSFET
SPN9507 SYNC-POWER-SPN9507 Datasheet
237Kb / 9P
N-Channel Enhancement Mode MOSFET
SPN9971 SYNC-POWER-SPN9971 Datasheet
269Kb / 10P
N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com