Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCS221T Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SCS221T
Description  Plastic-Encapsulated Switching Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SCS221T Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SCS221T Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SCS221T Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SCS221T
20V , 0.1A
Plastic-Encapsulated Switching Diode
Elektronische Bauelemente
08-Oct-2012 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Low Forward Voltage Drop
Guard Ring Construction for Transient Protection
Bias circuits
Protection circuits
MARKING:
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOT-523
3K
7 inch
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Peak Repetitive Peak reverse voltage
VRRM
20
V
DC Blocking Voltage
VR
20
V
Maximum peak forward current
IFM
200
mA
Average forward current
IO
100
mA
Power Dissipation
PD
150
mW
Storage temperature
TJ, TSTG
150, -55~150
°C
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise specified)
Parameter
Symbol
Min.
Max.
Unit
Teat Conditions
Reverse breakdown voltage
V(BR)R
20
-
V
IR= 100µA
Reverse voltage leakage current
IR
-
0.1
µA
VR=15V
Forward voltage
VF
-
1
V
IF=10mA
SOT-523
K
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
1.5
1.7
G
-
0.1
B
1.45
1.75
H
0.55 REF.
C
0.75
0.85
J
0.1
0.2
D
0.7
0.9
K
-
E
0.9
1.1
L
0.5 TYP.
F
0.15
0.25
M
0.25
0.325
Top View
A
L
M
C B
D
G
H
J
F
K
E
1
2
3
1
2
3


Similar Part No. - SCS221T

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCS221T SECOS-SCS221T_15 Datasheet
153Kb / 2P
Plastic-Encapsulated Elektronische Bauelemente Switching Diode
More results

Similar Description - SCS221T

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BAL99 SECOS-BAL99 Datasheet
121Kb / 2P
Plastic-Encapsulated Switching Diode
MMBD4448F SECOS-MMBD4448F Datasheet
225Kb / 2P
Plastic-Encapsulated Switching Diode
SCS181K SECOS-SCS181K Datasheet
123Kb / 2P
Plastic-Encapsulated Switching Diode
SCS187K SECOS-SCS187K Datasheet
123Kb / 2P
Plastic-Encapsulated Switching Diode
MMBD4448Z SECOS-MMBD4448Z_15 Datasheet
320Kb / 2P
Plastic-Encapsulated Switching Diode
SCS21DSTL SECOS-SCS21DSTL_15 Datasheet
201Kb / 2P
Plastic-Encapsulated Switching Diode
SCS187K SECOS-SCS187K_15 Datasheet
123Kb / 2P
Plastic-Encapsulated Switching Diode
SCS400J SECOS-SCS400J_15 Datasheet
284Kb / 2P
Plastic-Encapsulated Switching Diode
SCS914DSTL SECOS-SCS914DSTL_15 Datasheet
138Kb / 2P
Plastic-Encapsulated Switching Diode
SCS4448DSTL SECOS-SCS4448DSTL_15 Datasheet
319Kb / 2P
Plastic-Encapsulated Switching Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com