Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCS244MT Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SCS244MT
Description  Hermetically Sealed Glass Switching Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SCS244MT Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SCS244MT Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SCS244MT Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SCS244MT
0.2A , 250V
Hermetically Sealed Glass Switching Diode
14-Mar-2013 Rev.A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
DO-34 Package (JEDEC DO-204)
Through-Hole Device Type Mounting
Hermetically Sealed Glass
Compression Bonded Construction
Solder Hot Dip Tin (Sn) Terminal Finish
Cathode Indicated By Polarity Band
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Value
Unit
Maximum Repetitive Reverse Voltage
VRRM
250
V
Average Rectified Forward Current
IF(AV)
200
mA
Pulse Width = 1s
1
Non-repetitive Peak Forward
Current
Pulse Width = 1µs
IFM(Surge)
4
A
Power Dissipation
PD
300
mW
Junction, Storage Temperature
TJ, TSTG
150, -65~150
°C
Note:
1.
These ratings are limiting values above which the serviceability of the diode may be impaired.
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Min.
Max.
Unit
Test Condition
Breakdown Voltage
BV
250
-
V
IR=100µA
Leakage Current
IR
-
10
µA
VR=220V
Forward Voltage
VF
-
1.5
V
IF=200mA
Capacitance
C
-
5
pF
VR=0, f=1MHz
Reverse Recovery Time
TRR
-
50
nS
IF=IR=30mA, IRR=3mA, RL=100
DO-34
Millimeter
REF.
Min.
Max.
A
25.0
38.1
B
2.16
3.04
C
1.27
1.9
D
0.46
0.56


Similar Part No. - SCS244MT

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCS244MT SECOS-SCS244MT_15 Datasheet
203Kb / 2P
Hermetically Sealed Glass Switching Diode
More results

Similar Description - SCS244MT

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
1N4148LC CYSTEKEC-1N4148LC Datasheet
158Kb / 4P
500mW DO-35 Hermetically glass sealed switching diode
logo
Taiwan Semiconductor Co...
1SS133M TSC-1SS133M Datasheet
96Kb / 2P
300mW Hermetically Sealed Glass Switching Diode
logo
SeCoS Halbleitertechnol...
LS4448 SECOS-LS4448 Datasheet
93Kb / 1P
Hermetically Sealed Glass Fast Switching Diodes
logo
Taiwan Semiconductor Co...
1S133M TSC-1S133M Datasheet
96Kb / 2P
300mW Hermetically Sealed Glass Switching Diode
logo
SeCoS Halbleitertechnol...
SCS133MT SECOS-SCS133MT Datasheet
267Kb / 2P
Hermetically Sealed Glass Switching Diode
LS4148 SECOS-LS4148_15 Datasheet
92Kb / 1P
Hermetically Sealed Glass Fast Switching Diodes
SCS133MT SECOS-SCS133MT_15 Datasheet
267Kb / 2P
Hermetically Sealed Glass Switching Diode
SCS244MT SECOS-SCS244MT_15 Datasheet
203Kb / 2P
Hermetically Sealed Glass Switching Diode
logo
Taiwan Semiconductor Co...
BAT42 TSC-BAT42_14 Datasheet
195Kb / 4P
Hermetically Sealed Glass Fast Switching Schottky Barrier Diode
logo
SeCoS Halbleitertechnol...
LL4148 SECOS-LL4148_18 Datasheet
182Kb / 2P
Hermetically Sealed Glass Fast Switching Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com