Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCS4148LWS Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SCS4148LWS
Description  Surface Mount Fast Switching Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SCS4148LWS Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SCS4148LWS Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SCS4148LWS Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SCS4148LWS
Surface Mount Fast Switching Diode
Elektronische Bauelemente
28-Jan-2013 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Fast Switching Device (TRR<4.0 nS)
General Purpose Diodes
Flat Lead SOD-323L Small Outline Plastic Package
Surface Device Type Mounting
RoHS Compliant
Green EMC
Matte Tin(Sn) Lead Finish
Band Indicates Cathode
MARKING
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOD-323L
3K
7 inch
ABSOLUTE MAXIMUM RATINGS (T
A=25°C unless otherwise specified.)
Parameter
Symbol
Value
Unit
Non-Repetitive Peak Reverse Voltage
VRSM
100
V
Repetitive Peak Reverse Voltage
VRRM
75
V
Repetitive Peak Forward Current
IFRM
300
mA
Peak Forward Surge Current (Pulse Width=1us)
IFSM
2
A
Continuous Forward Current
IO
150
mA
Power Dissipation
PD
200
mW
Operating Temperature, Storage Temperature
TJ, TSTG
150 , -65 ~ 150
℃
Note:
1. These ratings are limiting values above which the serviceability of the diode may be impaired.
ELECTRICAL CHARACTERISTICS (T
A=25°C unless otherwise specified)
Parameters
Symbol
Min.
Max.
Unit
Test Conditions
Breakdown Voltage
BV
100
-
V
IR =100µA
75
-
IR =5µA
Forward Voltage
VF
-
1
V
IF =10mA
Reverse Leakage Current
IR
-
25
nA
VR =20V
-
5
µA
VR =75V
Capacitance
C
-
4
pF
VR =0, f =1.0 MHz
Reverse Recovery Time
TRR
4
nS
IF =10mA, IR =60mA,
IRR =1mA, RL =100 Ω
E
F
B
C
D
A
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
2.30
2.70
D
1.60
1.80
B
1.15
1.35
E
0.25
0.40
C
0.80
1.00
F
0.05
0.25
SOD-323L
S1


Similar Part No. - SCS4148LWS

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCS4148LWS SECOS-SCS4148LWS_15 Datasheet
186Kb / 2P
Surface Mount Fast Switching Diode
More results

Similar Description - SCS4148LWS

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
BAS19W TRSYS-BAS19W Datasheet
115Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Won-Top Electronics
BAV70 WTE-BAV70 Datasheet
44Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Diodes Incorporated
1N4448W DIODES-1N4448W Datasheet
73Kb / 3P
FAST SWITCHING SURFACE MOUNT DIODE
DS12002 Rev. 9 - 2
BAS19 DIODES-BAS19 Datasheet
71Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
DS12004 Rev. 12 - 2
BAS19W DIODES-BAS19W Datasheet
64Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
DS30118 Rev. 6 - 2
MMBD4448HT DIODES-MMBD4448HT Datasheet
167Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
DS30263 Rev. 5 - 2
logo
Won-Top Electronics
1N4150W WTE-1N4150W_06 Datasheet
40Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
1N4448W WTE-1N4448W_06 Datasheet
36Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
BAV19W WTE-BAV19W_06 Datasheet
49Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
BAW56 WTE-BAW56_06 Datasheet
50Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com