Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCS4148S Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SCS4148S
Description  Surface Mount Fast Switching Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SCS4148S Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SCS4148S Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SCS4148S Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SCS4148S
Surface Mount Fast Switching Diode
Elektronische Bauelemente
07-Dec-2012 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Fast Switching Device (TRR < 4.0nS)
General Purpose Diodes
Surface Device Type Mounting
Compression Bonded Construction
All External Surfaces Are Corrosion Resistant And
Terminals Are Readily Solderable
Matte Tin (Sn) Lead Finish
MARKING
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOD-523
3K
7 inch
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Value
Unit
Non-Repetitive Peak Reverse Voltage
VRSM
100
V
Repetitive Peak Reverse Voltage
VRRM
75
V
Continuous Forward Current
IO
150
mA
Repetitive Peak Forward Current
IFRM
300
mA
Non-repetitive Peak Forward Surge Current
@ Pulse Width = 1µS
IFSM
2
A
Power Dissipation
PD
200
mW
Operating Junction and
Storage Temperature Range
TJ, TSTG
150, -55~150
°C
Notes:
1.
These ratings are limiting values above which the serviceability of the diode may be impaired.
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Limits
Unit
Test Condition
Min.
Max.
Breakdown Voltage
BV
100
-
V
IR=100µA
75
-
IR=5µA
Reverse Leakage Current
IR
-
25
nA
VR=20V
-
5
µA
VR=75V
Forward Voltage
VF
-
1.0
V
IF=10mA
Reverse Recovery Time
TRR
-
4
nS
IF=10mA
IR=60mA
RL=100
IRR=1mA
Capacitance
C
-
4
pF
VR=0, f=1MHz
Cathode
Anode
SOD-523
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
1.50
1.70
D
1.10
1.30
B
0.70
0.90
E
0.25
0.35
C
0.50
0.77
F
0.07
0.20
E
F
B
C
D
A
E1


Similar Part No. - SCS4148S

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCS4148S SECOS-SCS4148S_15 Datasheet
310Kb / 2P
Surface Mount Fast Switching Diode
More results

Similar Description - SCS4148S

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
BAS19W TRSYS-BAS19W Datasheet
115Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Won-Top Electronics
BAV70 WTE-BAV70 Datasheet
44Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Diodes Incorporated
1N4448W DIODES-1N4448W Datasheet
73Kb / 3P
FAST SWITCHING SURFACE MOUNT DIODE
DS12002 Rev. 9 - 2
BAS19 DIODES-BAS19 Datasheet
71Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
DS12004 Rev. 12 - 2
BAS19W DIODES-BAS19W Datasheet
64Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
DS30118 Rev. 6 - 2
MMBD4448HT DIODES-MMBD4448HT Datasheet
167Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
DS30263 Rev. 5 - 2
logo
Won-Top Electronics
1N4150W WTE-1N4150W_06 Datasheet
40Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
1N4448W WTE-1N4448W_06 Datasheet
36Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
BAV19W WTE-BAV19W_06 Datasheet
49Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
BAW56 WTE-BAW56_06 Datasheet
50Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com