Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSF1320N Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SSF1320N
Description  N-Channel Enhancement Mode MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSF1320N Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SSF1320N Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSF1320N Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSF1320N Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSF1320N Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SSF1320N
2A , 20V , RDS(ON) 58 mΩ
Ω
Ω
Ω
N-Channel Enhancement Mode MOSFET
Elektronische Bauelemente
28-Aug-2012 Rev. A
Page 1 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen and lead-free
DESCRIPTION
These miniature surface mount MOSFETs
utilize a high cell density trench process to provide low
RDS(ON) and to ensure minimal power loss and heat dissipation.
FEATURES
Low RDS(on) provides higher efficiency and extends
battery life.
Low gate charge
Fast switch
Miniature SOT-323 surface mount package saves
board space.
APPLICATION
DC-DC converters and power management in
portable and battery-powered products such as computers,
printers, PCMCIA cards, cellular and cordless telephones.
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOT-323
3K
7 inch
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Drain-Source Voltage
VDS
20
V
Gate-Source Voltage
VGS
±8
V
Continuous Drain Current
1
TA=25°C
ID
2
A
TA=70°C
1.7
A
Pulsed Drain Current
2
IDM
±20
A
Continuous Source Current (Diode Conduction)
1
IS
1.6
A
Power Dissipation
1
TA=25°C
PD
0.34
W
TA=70°C
0.22
W
Operating Junction and Storage Temperature Range
TJ, TSTG
-55~150
°C
Thermal Resistance Ratings
Maximum Junction to Ambient
1
t ≦ 5 sec
RθJA
100
°C / W
Steady State
166
Notes:
1
Surface Mounted on 1” x 1” FR4 Board.
2
Pulse width limited by maximum junction temperature.
SOT-323
Top View
A
L
C B
D
G
H
J
F
K
E
1
2
3
1
2
3
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
1.80
2.20
G
0.1 REF.
B
1.80
2.45
H
0.525 REF.
C
1.1
1.4
J
0.08
0.25
D
0.80
1.10
K
0.8 TYP.
E
1.20
1.40
L
0.65 TYP.
F
0.15
0.40
1
2
3


Similar Part No. - SSF1320N

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSF1320N SECOS-SSF1320N Datasheet
399Kb / 4P
N-Channel Enhancement Elektronische Bauelemente Mode MOSFET
SSF1320N SECOS-SSF1320N_15 Datasheet
399Kb / 4P
N-Channel Enhancement Elektronische Bauelemente Mode MOSFET
More results

Similar Description - SSF1320N

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN1012 SYNC-POWER-SPN1012 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN1423A SYNC-POWER-SPN1423A Datasheet
211Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2302M STANSON-ST2302M Datasheet
170Kb / 6P
N Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN4920A SYNC-POWER-SPN4920A Datasheet
235Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN4972 SYNC-POWER-SPN4972 Datasheet
242Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN8080 SYNC-POWER-SPN8080 Datasheet
239Kb / 10P
N-Channel Enhancement Mode MOSFET
SPN9507 SYNC-POWER-SPN9507 Datasheet
237Kb / 9P
N-Channel Enhancement Mode MOSFET
SPN9971 SYNC-POWER-SPN9971 Datasheet
269Kb / 10P
N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com