Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALZ Datasheet(PDF) 3 Page - Panasonic Battery Group

Part # ALZ
Description  LZ RELAYS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONICBATTERY [Panasonic Battery Group]
Direct Link  http://www.panasonic.com/industrial/batteries-oem/
Logo PANASONICBATTERY - Panasonic Battery Group

ALZ Datasheet(HTML) 3 Page - Panasonic Battery Group

  ALZ Datasheet HTML 1Page - Panasonic Battery Group ALZ Datasheet HTML 2Page - Panasonic Battery Group ALZ Datasheet HTML 3Page - Panasonic Battery Group ALZ Datasheet HTML 4Page - Panasonic Battery Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
LZ (ALZ)
ASCTB203E 201209-T
REFERENCE DATA
DIMENSIONS (mm inch)
1. Max. switching power (AC resistive load)
2. Max. switching power (DC resistive load)
3. Coil temperature rise
Sample: ALZ11F12, 5pcs.
Measured portion: coil inside
Contact current: 0 A, 16 A
10
130
1000
1
10
16
100
100
440
Contact voltage, V
10
0
1
10
100
100
Contact voltage, V
100
0
120 125
110 115
105
130 135
30
25
35
40
50
45
55
20
Normal
temperature
Normal
temperature
16A
0A
85
°C
105
°C
85
°C
105
°C
Coil applied voltage, %V
The CAD data of the products with a
CAD Data
mark can be downloaded from: http://industrial.panasonic.com/ac/e/
1. 1 Form A type (New PC board terminal)
External dimensions
28.8
5
0.5
0.5
20
2.5
15.7
3.5
0.5
12.5
7.5
0.8
1.134
.197
.020
.020
.787
.098
.618
.138
.020
.492
.295
.031
PC board pattern
Tolerance:
±0.1 ±.004
Schematic (Bottom view)
20
7.5
5
6-1.3 dia.
.787
.295
.197
6-.051 dia.
Coil
CAD Data
Dimension:
Less than 1mm .039inch:
Min. 1mm .039inch less than 3mm .118 inch:
Min. 3mm .118 inch:
Tolerance
±0.1 ±.004
±0.2 ±.008
±0.3 ±.012
2. 1 Form C type
External dimensions
28.8
5
5
12.5
7.5
15.7
3.5
0.5
0.8
0.5
0.5
20
2.5
1.134
.197 .197
.492
.295
.618
.138
.020
.031
.020
.020
.787
.098
PC board pattern
Tolerance:
±0.1 ±.004
Schematic (Bottom view)
20
7.5
55
8-1.3 dia.
.787
.295
.197 .197
8-.051 dia.
Coil
CAD Data
Dimension:
Less than 1mm .039inch:
Min. 1mm .039inch less than 3mm .118 inch:
Min. 3mm .118 inch:
Tolerance
±0.1 ±.004
±0.2 ±.008
±0.3 ±.012



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com