Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSG4407PE Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SSG4407PE
Description  P-Channel Mode Power MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSG4407PE Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SSG4407PE Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSG4407PE Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SSG4407PE
-15 A, -30 V, RDS(ON) 9 mΩ
Ω
Ω
Ω
P-Channel Mode Power MOSFET
Elektronische Bauelemente
11-Oct-2012 Rev. A
Page 2 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Teat Conditions
Static
Gate Threshold Voltage
VGS(th)
-1
-
-
V
VDS=VGS, ID= -250µA
Gate-Body Leakage Current
IGSS
-
-
±10
µA
VDS=0, VGS= ±20V
Zero Gate Voltage Drain Current
IDSS
-
-
-1
µA
VDS= -24V, VGS= 0
-
-
-5
VDS= -24V, VGS= 0V, TJ= 55°C
On-State Drain Current
1
ID(on)
-50
-
-
A
VDS= -5V, VGS= -10V
Drain-Source On-Resistance
1
RDS(ON)
-
-
9
m
VGS= -10V, ID= -1A
-
-
13
VGS= -4.5V, ID= -1A
Forward Transconductance
1
gfs
-
44
-
S
VDS= -5V, ID= -1A
Diode Forward Voltage
VSD
-
-0.7
-
V
IS=1A, VGS= 0V
Dynamic
2
Total Gate Charge
Qg
-
50
-
nC
ID= -1A
VDS= -15V
VGS= -4.5V
Gate-Source Charge
Qgs
-
10
-
Gate-Drain Charge
Qgd
-
20
-
Turn-On Delay Time
Td(on)
-
10
-
nS
VDD= -15V
ID= -1A
VGEN= -10V
RL= 6
Rise Time
Tr
-
30
-
Turn-Off Delay Time
Td(off)
-
100
-
Fall Time
Tf
-
50
-
Notes:
1
Pulse test:PW ≦ 300µs duty cycle ≦ 2%.
2
Guaranteed by design, not subject to production testing.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com