Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSG4530C Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SSG4530C
Description  N & P-Ch Enhancement Mode Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSG4530C Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SSG4530C Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSG4530C Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSG4530C Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSG4530C Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SSG4530C Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH SSG4530C Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SSG4530C
N-Ch: 5.3A, 30V, RDS(ON) 82 mΩ
Ω
Ω
Ω
P-Ch: -5.2A, -30V, RDS(ON) 80 mΩ
Ω
Ω
Ω
N & P-Ch Enhancement Mode Power MOSFET
Elektronische Bauelemente
30-Jul-2012 Rev. A
Page 1 of 6
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
A
H
B
M
D
C
J
K
F
L
E
N
G
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
DESCRIPTION
These miniature surface mount MOSFETs
utilize a high cell density trench process to provide low
RDS(on) and to ensure minimal power loss and heat
dissipation.
FEATURES
Low RDS(on) provides higher efficiency and
extends battery life.
Low thermal impedance copper leadframe
SOP-8 saves board space
Fast switching speed
High performance trench technology
APPLICATION
DC-DC converters and power management in
portable and battery-powered products such as computers,.
printers, PCMCIA cards, cellular and cordless telephones
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOP-8
2.5K
13 inch
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise specified)
Parameter
Symbol
Rating
Unit
N-CH
P-CH
Drain-Source Voltage
VDS
30
-30
V
Gate-Source Voltage
VGS
±20
±20
V
Continuous Drain Current
1
TA = 25°C
ID
5.3
-5.2
A
TA = 70°C
4.2
-4.1
A
Pulsed Drain Current
2
IDM
20
-20
A
Continuous Source Current (Diode Conduction)
1
IS
1.3
-1.3
A
Total Power Dissipation
1
TA = 25°C
PD
2.1
W
TA = 70°C
1.3
W
Operating Junction & Storage Temperature Range
TJ, TSTG
-55 ~ 150
°C
Thermal Resistance Ratings
Maximum Junction-to-Ambient
1
t≦10 sec
RθJA
62.5
°C / W
Steady State
110
°C / W
Notes:
1.
Surface Mounted on 1” x 1” FR4 Board.
2.
Pulse width limited by maximum junction temperature.
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
5.8
6.20
H
0.35
0.51
B
4.80
5.00
J
0.375 REF.
C
3.80
4.00
K
45°
D
0°
8°
L
1.35
1.75
E
0.50
0.93
M
0.10
0.25
F
0.19
0.25
N
0.25 REF.
G
1.27 TYP.
SOP-8
Top View


Similar Part No. - SSG4530C

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
SSG4530C DOINGTER-SSG4530C Datasheet
3Mb / 8P
N-Channel and P-Channel MOSFET use advanced trench technology
logo
SeCoS Halbleitertechnol...
SSG4530C SECOS-SSG4530C_15 Datasheet
744Kb / 6P
N & P-Ch Enhancement Mode Power MOSFET
More results

Similar Description - SSG4530C

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSG4520H SECOS-SSG4520H Datasheet
1Mb / 6P
N & P-Ch Enhancement Mode Power MOSFET
SSI2007 SECOS-SSI2007 Datasheet
1Mb / 7P
N & P-Ch Enhancement Mode Power MOSFET
SSG2601 SECOS-SSG2601_15 Datasheet
733Kb / 7P
N & P-Ch Enhancement Mode Power MOSFET
SSG4502CE SECOS-SSG4502CE_15 Datasheet
3Mb / 7P
N & P-Ch Enhancement Mode Power MOSFET
SSG4510 SECOS-SSG4510_15 Datasheet
1Mb / 7P
N & P-Ch Enhancement Mode Power MOSFET
SSG5509A SECOS-SSG5509A_15 Datasheet
1Mb / 7P
N & P-Ch Enhancement Mode Power MOSFET
SSI3439J SECOS-SSI3439J Datasheet
606Kb / 4P
N & P-Ch Enhancement Mode Power MOSFET
SPRD4504-C SECOS-SPRD4504-C Datasheet
429Kb / 7P
N & P-Ch Enhancement Mode Power MOSFET
SSG4503A-C SECOS-SSG4503A-C Datasheet
631Kb / 7P
N & P-Ch Enhancement Mode Power MOSFET
SSPRD6560-C SECOS-SSPRD6560-C Datasheet
593Kb / 7P
N & P-Ch Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com