Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSG4536C Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SSG4536C
Description  N & P-Ch Enhancement Mode Power MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSG4536C Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SSG4536C Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSG4536C Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SSG4536C
N-Ch: 7.1A, 30V, RDS(ON) 28 mΩ
Ω
Ω
Ω
P-Ch: -6A, -30V, RDS(ON) 39 mΩ
Ω
Ω
Ω
N & P-Ch Enhancement Mode Power MOSFET
Elektronische Bauelemente
12-Sep-2012 Rev. A
Page 2 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise specified)
Parameter
Symbol Ch
Min.
Typ.
Max.
Unit
Teat Conditions
Static
Gate Threshold Voltage
VGS(th)
N
1
-
-
V
VDS=VGS, ID=250µA
P
-1
-
-
VDS=VGS, ID= -250µA
Gate-Body Leakage Current
IGSS
N
-
-
±100
nA
VDS=0, VGS=20V
P
-
-
±100
VDS=0, VGS= -20V
Zero Gate Voltage Drain Current
IDSS
N
-
-
1
µA
VDS=24V, VGS=0
P
-
-
-1
VDS= -24V, VGS=0
On-State Drain Current
1
ID(on)
N
20
-
-
A
VDS=5V, VGS=10V
P
-20
-
-
VDS= -5V, VGS= -10V
Drain-Source On-Resistance
1
RDS(ON)
N
-
-
28
m
VGS=10V, ID=7.1A
-
-
42
VGS=4.5V, ID=5.8A
P
-
-
39
VGS= -10V, ID= -6A
-
-
59
VGS= -4.5V, ID= -4.9A
Forward Transconductance
1
gfs
N
-
25
-
S
VDS=15V, ID=6.9A
P
-
10
-
VDS= -15V, ID= -5.2A
Dynamic
2
Total Gate Charge
Qg
N
-
4
-
nC
N-Channel
ID=6.9A, VDS=15V, VGS=10V
P-Channel
ID= -5.2A, VDS= -15V, VGS= -10V
P
-
10
-
Gate-Source Charge
Qgs
N
-
1.1
-
P
-
2.2
-
Gate-Drain(“Miller”) Charge
Qgd
N
-
1.4
-
P
-
1.7
-
Turn-On Delay Time
Td(on)
N
-
8
-
nS
N-Channel
VDD=15V, VGS=10V
ID=1A, RGEN=6
P-Channel
VDD= -15V, VGS= -10V
ID= -1A, RGEN= 6
P
-
10
-
Rise Time
Tr
N
-
5
-
P
-
2.8
-
Turn-Off Delay Time
Td(off)
N
-
23
-
P
-
53.6
-
Fall Time
Tf
N
-
3
-
P
-
46
-
Notes
1.
Pulse test:PW ≦ 300µs duty cycle ≦ 2%.
2.
Guaranteed by design, not subject to production testing.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com