Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP Datasheet(PDF) 3 Page - Panasonic Battery Group

Part # DSP
Description  DSP RELAYS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONICBATTERY [Panasonic Battery Group]
Direct Link  http://www.panasonic.com/industrial/batteries-oem/
Logo PANASONICBATTERY - Panasonic Battery Group

DSP Datasheet(HTML) 3 Page - Panasonic Battery Group

  DSP Datasheet HTML 1Page - Panasonic Battery Group DSP Datasheet HTML 2Page - Panasonic Battery Group DSP Datasheet HTML 3Page - Panasonic Battery Group DSP Datasheet HTML 4Page - Panasonic Battery Group DSP Datasheet HTML 5Page - Panasonic Battery Group DSP Datasheet HTML 6Page - Panasonic Battery Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
DSP
ASCTB180E 201202-T
2. Specifications
Notes: *1. This value can change due to the switching frequency, environmental conditions, and desired reliability level, therefore it is recommended to check this with the
actual load.
*2. Wave is standard shock voltage of
±1.2×50µs according to JEC-212-1981
*3. The upper limit of the ambient temperature is the maximum temperature that can satisfy the coil temperature rise value. Refer to Usage, transport and storage
conditions in NOTES.
REFERENCE DATA
Characteristics
Item
Specifications
Contact
Arrangement
1 Form A
1 Form A 1 Form B
2 Form A
Contact resistance (Initial)
Max. 30 m
Ω (By voltage drop 6 V DC 1A)
Contact material
Au-flashed AgSnO2 type
Rating
Nominal switching capacity (resistive load)
8 A 250 V AC, 5A 30V DC
5 A 250 V AC, 5 A 30 V DC
Max. switching power (resistive load)
2,000 VA, 150 W
1,250 VA, 150 W
Max. switching voltage
250 V AC, 125 V DC
Max. switching current
8 A AC, 5 A DC
5 A AC, DC
Nominal operating power
300 mW
Min. switching capacity (Reference value)*1
10m A 5 V DC
Electrical
characteristics
Insulation resistance (Initial)
Min. 1,000M
Ω (at 500V DC) Measurement at same location as “Breakdown voltage” section.
Breakdown voltage
(Initial)
Between open contacts
1,000 Vrms for 1min. (Detection current: 10mA.)
Between contact sets
2,000 Vrms (1 Form A 1 Form B, 2 Form A) (Detection current: 10mA.)
Between contact and coil
3,000 Vrms for 1min. (Detection current: 10mA.)
Surge breakdown
voltage*2
between contacts and coil
5,000 V
Temperature rise (coil) (at 65
°C 149°F)
Max. 55
°C
Max. 40
°C
Max. 55
°C
Operate time [Set time] (at 20
°C 68°F)
Max. 10 ms [10 ms] (Nominal coil voltage applied to the coil, excluding contact bounce time.)
Release time [Reset time] (at 20
°C 68°F)
Max. 5 ms [10 ms] (Nominal coil voltage applied to the coil, excluding contact bounce time.)
(without diode)
Mechanical
characteristics
Shock resistance
Functional
Min. 196 m/s2 (Half-wave pulse of sine wave: 11 ms; detection time: 10
µs.)
Destructive
Min. 980 m/s2 (Half-wave pulse of sine wave: 6 ms.)
Vibration resistance
Functional
10 to 55 Hz at double amplitude of 2 mm (Detection time: 10
µs.)
Destructive
10 to 55 Hz at double amplitude of 3.5 mm
Expected life
Mechanical
Min. 5
×107 (at 180 times/min.)
Electrical
Min. 105 (resistive load)
Conditions
Conditions for operation, transport and storage*3
(Not freezing and condensing at low temperature)
Ambient temperature:
–40
°C to +60°C
–40
°F to +140°F
Ambient temperature:
–40
°C to +65°C
–40
°F to +149°F
Ambient temperature:
–40
°C to +60°C
–40
°F to +140°F
Solder heating
250
°C 482°F (10s), 300°C 572°F (5s), 350°C 662°F (3s)
(Soldering depth: 2/3 terminal pitch)
Max. operating speed
3 cps
Unit weight
Approx. 4.5 g .16 oz
1. Max. switching capacity
2.-(1) Life curve (1 Form A 1 Form B)
2.-(2) Life curve (1 Form A 1 Form B)
10
0.1
100
1000
Contact voltage, V
1
10
DC resistive
load (1a)
DC resistive load
(1a1b,2a)
AC resistive
load (1a)
AC resistive
load
(1a1b,2a)
100
10
01
2
4
37
6
5
Switching capacity, A
265 V·130 V AC cos
ϕ = 1
265 V·130 V AC
cos
ϕ = 0.4
100
50
10
0.5
1
10
5
Switching capacity, A
30 V DC L/R = 7 ms
30 V DC resistive
3.-(1) Coil temperature rise (1 Form A)
Tested sample: DSP1a-DC12V, 5 pcs.
3.-(2) Coil temperature rise
(1 Form A 1 Form B)
Tested sample: DSP1-DC12V, 5 pcs.
3.-(3) Coil temperature rise (2 Form A)
Tested sample: DSP2a-DC12V, 5 pcs.
50
60
40
10
20
30
0
80
100
120
8A
0A
Coil applied voltage, %V
50
60
40
10
20
30
0
80
100
120
5A
0A
Coil applied voltage, %V
50
60
40
10
20
30
0
80
100
120
5A
0A
Coil applied voltage, %V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com