Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC1G123 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74LVC1G123
Description  Single retriggerable monostable multivibrator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC1G123 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74LVC1G123 Datasheet HTML 5Page - NXP Semiconductors 74LVC1G123 Datasheet HTML 6Page - NXP Semiconductors 74LVC1G123 Datasheet HTML 7Page - NXP Semiconductors 74LVC1G123 Datasheet HTML 8Page - NXP Semiconductors 74LVC1G123 Datasheet HTML 9Page - NXP Semiconductors 74LVC1G123 Datasheet HTML 10Page - NXP Semiconductors 74LVC1G123 Datasheet HTML 11Page - NXP Semiconductors 74LVC1G123 Datasheet HTML 12Page - NXP Semiconductors 74LVC1G123 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
74LVC1G123
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 4 — 27 November 2013
9 of 31
NXP Semiconductors
74LVC1G123
Single retriggerable monostable multivibrator; Schmitt trigger inputs
[1]
All typical values are measured at Tamb = 25 C
10.1 Waveform transfer characteristics
Table 8.
Transfer characteristics
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 18.
Symbol Parameter
Conditions
40 C to +85 C
40 C to +125 C
Unit
Min
Typ[1]
Max
Min
Max
VT+
positive-going
threshold voltage
A, B and CLR input;
see Figure 6
VCC = 1.65 V to 1.95 V
0.72
0.98
1.22
0.71
1.22
V
VCC = 2.3 V to 2.7 V
0.97
1.26
1.52
0.97
1.52
V
VCC = 3.0 V to 3.6 V
1.20
1.58
1.90
1.20
1.90
V
VCC = 4.5 V to 5.5 V
1.74
2.27
2.75
1.74
2.78
V
VT
negative-going
threshold voltage
A, B and CLR input;
see Figure 6
VCC = 1.65 V to 1.95 V
0.56
0.81
1.04
0.56
1.04
V
VCC = 2.3 V to 2.7 V
0.83
1.09
1.33
0.82
1.33
V
VCC = 3.0 V to 3.6 V
1.08
1.40
1.70
1.08
1.72
V
VCC = 4.5 V to 5.5 V
1.61
2.07
2.53
1.61
2.57
V
VH
hysteresis voltage
A, B and CLR input;
(VT+  VT); see Figure 6
VCC = 1.65 V to 1.95 V
61
170
295
54
295
mV
VCC = 2.3 V to 2.7 V
41
174
304
41
304
mV
VCC = 3.0 V to 3.6 V
40
183
319
40
319
mV
VCC = 4.5 V to 5.5 V
32
199
363
26
363
mV
VCC = 3.0 V.
Fig 6.
Typical transfer characteristics
aaa-001877
VI (V)
03
2
1
2
1
3
4
lCC
(mA)
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com