Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMT-1640-S-2-R Datasheet(PDF) 1 Page - Projects Unlimited, Inc.

Part # SMT-1640-S-2-R
Description  Transducer (Piezo)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUI [Projects Unlimited, Inc.]
Direct Link  http://www.pui.com
Logo PUI - Projects Unlimited, Inc.

SMT-1640-S-2-R Datasheet(HTML) 1 Page - Projects Unlimited, Inc.

  SMT-1640-S-2-R Datasheet HTML 1Page - Projects Unlimited, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Transducer (Piezo)
SMT-1640-S-2-R
J.D.
M.L.
C.W.
6/8/2011
-
Designed by
Checked by
Approved by
Drawn Date
1 / 1
Edition
Sheet
Date
6/8/2011
Date
6/10/2011
Date
6/10/2011
UNLESS OTHERWISE
SPECIFIED:
DIMENSIONS ARE IN
MILLIMETERS,
TOLERANCES
ARE 0.5 AND
ANGLES ARE “ 3ƒ.
SMT-1640-S-2-R.idw
A3
SIZE
REVISION HISTORY
LTR
DESCRIPTION
DATE
APPROVED
-
RELEASED FROM ENGINEERING
6/8/2011
C.W.
A
REVISED CAPACITANCE SPECIFICATION
9/22/2011
M.L.
SPECIFICATIONS
PARAMETERS
VALUES
UNIT
RATED VOLTAGE
5
Vp-p
OPERATING VOLTAGE RANGE
1 ~ 25
Vp-p
RATED CURRENT (MAX)
3
mA
CAPACITANCE
16,000
30%
pF
MINIMUM SPL @ 10 CM
75
dBA
RESONANT FREQUENCY
4,000
500
Hz
OPERATING TEMPERATURE
-40 ~ +120
C
STORAGE TEMPERATURE
-40 ~ +120
C
HOUSING MATERIAL
LCP
-
TERMINAL MATERIAL
Sn PLATED COPPER
-
WEIGHT
1
grams
THIS DOCUMENT CONTAINS DATA PROPRIETARY TO
PROJECTS UNLIMITED, INC. ANY USE OR
REPRODUCTION, IN ANY FORM, WITHOUT PRIOR
WRITTEN PERMISSION OF PROJECTS UNLIMITED,
INC. IS PROHIBITED.
2003, Projects Unlimited Inc.
NOTES:
1. ALL DIMENSIONS ARE IN MILLIMETERS.
2. SPECIFICATIONS SUBJECT TO CHANGE OR WITHDRAWL
WITHOUT NOTICE.
3. THIS PART IS RoHS 2002/95/EC COMPLIANT.
16
0.2
2 (2)
2.5
0.2
0.2
0.05
16
2 (2)
SOUND
PORT


Similar Part No. - SMT-1640-S-2-R

ManufacturerPart #DatasheetDescription
logo
PUI audio inc.
SMT-1640-S-2-R PUIAUDIO-SMT-1640-S-2-R Datasheet
250Kb / 1P
ALL DIMENSIONS ARE IN MILLIMETERS
More results

Similar Description - SMT-1640-S-2-R

ManufacturerPart #DatasheetDescription
logo
CUI INC
CEP-1106 CUI-CEP-1106 Datasheet
398Kb / 5P
piezo audio transducer
CEP-1116 CUI-CEP-1116 Datasheet
361Kb / 5P
piezo audio transducer
CEP-1126 CUI-CEP-1126 Datasheet
360Kb / 5P
piezo audio transducer
CPE-121 CUI-CPE-121 Datasheet
278Kb / 5P
piezo audio transducer
CPE-267 CUI-CPE-267 Datasheet
278Kb / 5P
piezo audio transducer
CPE-503 CUI-CPE-503 Datasheet
341Kb / 5P
piezo audio transducer
logo
Projects Unlimited, Inc...
SMT-1141-T-3-R PUI-SMT-1141-T-3-R Datasheet
145Kb / 1P
Transducer (Piezo)
SMT-1341-T-2-R PUI-SMT-1341-T-2-R Datasheet
197Kb / 1P
Transducer (Piezo)
SMT-2225-T-R PUI-SMT-2225-T-R Datasheet
223Kb / 1P
Transducer (Piezo)
SMT-2240-TW-R PUI-SMT-2240-TW-R Datasheet
225Kb / 1P
Transducer (Piezo)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com