Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMT-2225-T-R Datasheet(PDF) 1 Page - Projects Unlimited, Inc.

Part # SMT-2225-T-R
Description  Transducer (Piezo)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUI [Projects Unlimited, Inc.]
Direct Link  http://www.pui.com
Logo PUI - Projects Unlimited, Inc.

SMT-2225-T-R Datasheet(HTML) 1 Page - Projects Unlimited, Inc.

  SMT-2225-T-R Datasheet HTML 1Page - Projects Unlimited, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Transducer (Piezo)
SMT-2225-T-R
J.D.
B.R.
R.W.
11/8/2007
-
Designed by
Checked by
Approved by
Drawn Date
1 / 1
Edition
Sheet
Date
9/8/2006
Date
9/11/2006
Date
9/11/2006
UNLESS OTHERWISE
SPECIFIED:
DIMENSIONS ARE IN
MILLIMETERS,
TOLERANCES
ARE ±0.5 AND
ANGLES ARE ±3°.
SMT-2225-T-R.idw
A3
SIZE
REVISION HISTORY
LTR
DESCRIPTION
DATE APPROVED
-
RELEASED FROM ENGINEERING
9/8/2006
A
REVISED TO INVENTOR 3-D DRAWING TEMPLATE
11/8/2007
B.R.
B
ADDED DIAMETER OF PART
5/23/2012
J.D.
SPECIFICATIONS
PARAMETERS
VALUES
UNITS
RATED VOLTAGE
10
Vp-p
OPERATING VOLTAGE RANGE
1 ~ 30
Vp-p
RATED CURRENT (MAX)
8mA
CAPACITANCE
25,000 ± 30%
pF
MINIMUM SPL @ 10 CM
80
dBA
RESONANT FREQUENCY
2,500 ± 500
Hz
OPERATING TEMPERATURE
-30 ~ +85
°C
STORAGE TEMPERATURE
-40 ~ +85
°C
HOUSING MATERIAL
LCP
-
TERMINAL MATERIAL
Sn PLATED BRASS
-
WEIGHT
2
grams
THIS DOCUMENT CONTAINS DATA PROPRIETARY TO
PROJECTS UNLIMITED, INC. ANY USE OR
REPRODUCTION, IN ANY FORM, WITHOUT PRIOR
WRITTEN PERMISSION OF PROJECTS UNLIMITED,
INC. IS PROHIBITED.
©2003, Projects Unlimited Inc.
NOTES:
1. ALL DIMENSIONS ARE IN MILLIMETERS.
2. SPECIFICATIONS SUBJECT TO CHANGE OR WITHDRAWL
WITHOUT NOTICE.
3. THIS PART IS RoHS 2002/95/EC COMPLIANT.
30.3
0.5
5.6
1.5 (2)
2.45 SOUND
EMISSION HOLE
22


Similar Part No. - SMT-2225-T-R

ManufacturerPart #DatasheetDescription
logo
PUI audio inc.
SMT-2225-T-R PUIAUDIO-SMT-2225-T-R Datasheet
340Kb / 1P
ALL DIMENSIONS ARE IN MILLIMETERS
More results

Similar Description - SMT-2225-T-R

ManufacturerPart #DatasheetDescription
logo
CUI INC
CEP-1106 CUI-CEP-1106 Datasheet
398Kb / 5P
piezo audio transducer
CEP-1116 CUI-CEP-1116 Datasheet
361Kb / 5P
piezo audio transducer
CEP-1126 CUI-CEP-1126 Datasheet
360Kb / 5P
piezo audio transducer
CPE-121 CUI-CPE-121 Datasheet
278Kb / 5P
piezo audio transducer
CPE-267 CUI-CPE-267 Datasheet
278Kb / 5P
piezo audio transducer
CPE-503 CUI-CPE-503 Datasheet
341Kb / 5P
piezo audio transducer
logo
Projects Unlimited, Inc...
SMT-1141-T-3-R PUI-SMT-1141-T-3-R Datasheet
145Kb / 1P
Transducer (Piezo)
SMT-1341-T-2-R PUI-SMT-1341-T-2-R Datasheet
197Kb / 1P
Transducer (Piezo)
SMT-1640-S-2-R PUI-SMT-1640-S-2-R Datasheet
250Kb / 1P
Transducer (Piezo)
SMT-2240-TW-R PUI-SMT-2240-TW-R Datasheet
225Kb / 1P
Transducer (Piezo)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com