Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELLCTV331M Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ELLCTV331M
Description  Magnetically shielded structure
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELLCTV331M Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ELLCTV331M Datasheet HTML 1Page - Panasonic Semiconductor ELLCTV331M Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Choke Coils
E
1
L
2
L
3
C
4
T
5
V
6
2
7
2
89
M
10
11
0
Product Code
Design No.
Inductance
Structure
Outer size
Choke Coil (Magnetically shielded )
Series
V
ELL
Height
T
4.5 max.
101
100
µH
M
±20 %
N
±30 %
4R7
4.7
µH
Tolerance
3.0
±0.5
(1.4)
12.0
±0.5
Marking
Date code
4.2
±0.3
33 0
SMD Choke Coils
Series:
V
Type:
ELLCTV
Type ELLCTV
■ Explanation of Part Numbers
■ Recommended Applications
● DC-DC converter circuitry for computer peripherals
and cellular phones.
● Chopper circuit decoupling chokes for DC-DC
converter circuitry
■ Features
● Magnetically shielded structure
● Low DC resistance and large current capability
● Available on tape and reel for automatic insertion
■ Standard Packing Quantity
● 500 pcs./Reel
■ Dimensions in mm (not to scale)
■ Recommended Land Pattern in mm (not to scale)
Jan. 2008


Similar Part No. - ELLCTV331M

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
ELL-4LG470MA PANASONICBATTERY-ELL-4LG470MA Datasheet
95Kb / 2P
Power Inductors / Wire Wound type
ELL-5PR PANASONICBATTERY-ELL-5PR Datasheet
546Kb / 1P
NEW! ELL-5PR Series
logo
Panasonic Semiconductor
ELL-5PR1R2N PANASONIC-ELL-5PR1R2N Datasheet
76Kb / 2P
Power Inductors / Wire Wound type
ELL-5PR2R2N PANASONIC-ELL-5PR2R2N Datasheet
76Kb / 2P
Power Inductors / Wire Wound type
ELL-6GM6R8N PANASONIC-ELL-6GM6R8N Datasheet
164Kb / 2P
SMD Choke Coils
More results

Similar Description - ELLCTV331M

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
0412CDMC SUMIDA-0412CDMC Datasheet
126Kb / 3P
Magnetically shielded.
0415CDMC SUMIDA-0415CDMC Datasheet
116Kb / 2P
Magnetically shielded.
0420CDMCB SUMIDA-0420CDMCB Datasheet
171Kb / 3P
Magnetically shielded.
0520CDMC SUMIDA-0520CDMC Datasheet
139Kb / 4P
Magnetically shielded
0415CDMCBDS SUMIDA-0415CDMCBDS Datasheet
130Kb / 3P
Magnetically shielded
0520CDMCBDS SUMIDA-0520CDMCBDS Datasheet
139Kb / 4P
Magnetically shielded
logo
TOKO, Inc
MDT2520ACN TOKO-MDT2520ACN Datasheet
128Kb / 1P
Magnetically shielded
MBH7045C TOKO-MBH7045C Datasheet
297Kb / 2P
Magnetically shielded
MBH10145C TOKO-MBH10145C Datasheet
245Kb / 1P
Magnetically shielded
MBH12282C TOKO-MBH12282C Datasheet
246Kb / 1P
Magnetically shielded
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com