Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G4OAC5AFM Datasheet(PDF) 2 Page - Opto Electronics Co,. LTD

Part # G4OAC5AFM
Description  G4 Digital AC Output Modules
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-OEC [Opto Electronics Co,. LTD]
Direct Link  http://www.e-oec.com
Logo E-OEC - Opto Electronics Co,. LTD

G4OAC5AFM Datasheet(HTML) 2 Page - Opto Electronics Co,. LTD

  G4OAC5AFM Datasheet HTML 1Page - Opto Electronics Co,. LTD G4OAC5AFM Datasheet HTML 2Page - Opto Electronics Co,. LTD G4OAC5AFM Datasheet HTML 3Page - Opto Electronics Co,. LTD G4OAC5AFM Datasheet HTML 4Page - Opto Electronics Co,. LTD G4OAC5AFM Datasheet HTML 5Page - Opto Electronics Co,. LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
G4 Digital AC Output Modules
PAGE
2
Opto 22 • 43044 Business Park Drive • Temecula, CA 92590-3614 • www.opto22.com
SALES 800-321-6786 • 951-695-3000 • FAX 951-695-3095 • sales@opto22.com • SUPPORT 800-835-6786 • 951-695-3080 • FAX 951-695-3017 • support@opto22.com
© 2012 Opto 22. All rights reserved. Dimensions and specifications are subject to change. Brand or product names used herein are trademarks or registered trademarks of their respective companies or organizations.
Specifications
Units
G4OAC5
G4OAC5FM*
G4OAC5A
G4OAC5AFM*
G4OAC5A5
G4OAC5A5FM*
G4OAC5MA
G4OAC5AMA
Nominal line voltage
VAC
120
120/240
120/240
120
120/240
Output voltage range
VAC
12–140
24–280
24–280
12–140
24–280
Key feature
—
—
—
Normally closed
Diagnostic
switch
Diagnostic
switch
Current rating:
At 45 °C ambient
At 70 °C ambient
A
A
3
2
3
2
3
2
3
2
3
2
UL Motor Load Rating
A
1.5
1.5
1.5
1.5
1.5
Isolation input-to-
output (transient):
1 ms
1 minute
volts
4000
1500
4000
1500
4000
1500
4000
1500
4000
1500
Off-state leakage at
nominal voltage (60 Hz)
mARMS
5
1.25/2.5
1.25/2.5
5
1.25/2.5
Nominal logic voltage
VDC
5
5
5
5
5
Logic voltage range
VDC
4–8
4–8
4–8
4–8
4–8
Logic pickup voltage
VDC
4
4
4
4
4
Logic dropout voltage
VDC
1
1
1
1
1
Logic input current at
nominal logic voltage
mA
12
12
12
12
12
Control resistance
(Rc in schematic)
ohms
220
220
220
220
220
One-cycle surge
A peak
80
80
80
80
80
Turn-on time @ 60 Hz
milliseconds
≤8.3**
≤8.3**
≤8.3**
≤8.3**
≤8.3**
Turn-off time @ 60 Hz
milliseconds
≤8.3***
≤8.3***
≤8.3***
≤8.3***
≤8.3***
Peak repetitive voltage
VAC
500
500
500
500
500
Minimum load current
mA
20
20
20
20
20
Output voltage drop
maximum peak
V
1.6
1.6
1.6
1.6
1.6
Operating frequency
Hz
25–65
25–65
25–65
25–65
25–65
dV/dT-off-state
V/micro-
seconds
200
200
200
200
200
dV/dT-commutating
--
snubbed for
0.5 power
factor load
snubbed for
0.5 power
factor load
snubbed for
0.5 power
factor load
snubbed for
0.5 power
factor load
snubbed for
0.5 power
factor load
Temperature
Operating:
Storage:
°C
°C
-30 to +70
-30 to +85
-30 to +70
-30 to +85
-30 to +70
-30 to +85
-30 to +70
-30 to +85
-30 to +70
-30 to +85
* Part numbers ending in FM are Factory Mutual approved.
** One-half cycle maximum. Module turns on at the zero volt crossing of the AC sine wave.
*** One-half cycle maximum. Module turns off at the zero current crossing of the AC sine wave.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com