Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPQ253-CEF Datasheet(PDF) 2 Page - Astec America, Inc

Part # LPQ253-CEF
Description  Active power factor correction
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

LPQ253-CEF Datasheet(HTML) 2 Page - Astec America, Inc

  LPQ253-CEF Datasheet HTML 1Page - Astec America, Inc LPQ253-CEF Datasheet HTML 2Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
EUROPE
Astec House, Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX, UK
Telephone: 44 (1384) 842-211
Facsimile: 44 (1384) 843-355
AMERICAS
5810 Van Allen Way
Carlsbad, CA 92008
Telephone: 760-930-4600
Facsimile: 760-930-0698
125
www.astecpower.com
Ordering Information
ASIA
Units 2111-2116, Level 21
Tower1, Metroplaza
223, Hing Fong Road
Fwai Fong, New Territories
Hong Kong
Telephone: 852-2437-9662
Facsimile: 852-2402-4426
Model
Output
Minimum
Maximum Load with
Peak
Regulation2 Ripple
Number
Voltage
Load
30 CFM Forced Air
Load1
P/P (PARD)3
LPQ252-C
+5 V
3 A
35 A
40 A
±2%
50 mV
+12 V
0 A
10 A
12 A
±3%
120 mV
-12 V
0 A
6 A
8 A
±3%
120 mV
±5-25 V
0 A
6 A
8 A
±3%
240 mV, max.
LPQ253-C
+5 V
3 A
35 A
40 A
±2%
50 mV
+15 V
0 A
10 A
12 A
±3%
150 mV
-15 V
0 A
6 A
8 A
±3%
150 mV
±5-25 V
0 A
6 A
8 A
±3%
240 mV, max.
1. Peak current lasting <30 seconds with a maximum 10% duty cycle.
2. At 25°C including initial tolerance, line voltage, load currents and output voltages adjusted to factory settings.
3. Peak-to-peak with 20 MHz bandwidth and 10 µF in parallel with a 0.1 µF capacitor at rated line voltage and load ranges.
4. 4th output 5-25 V factory set at 5 V.
5. Minimum Load is are required.
6. If optional CF or CEF fans are not used, 30CFM forced air cooling needs to be provided and is required through the length of the power supply.
Not convection rated.
Note: -CF suffix added to the model number indicates cover with top fan. -CEF suffix added to the model number indicates cover with dual end
mounted fan cover and AC inlet.
5.0 (127.0)
2.0
(50.8)
1.18 (30.0)
9.0
(228.6)
6.64
(168.6)
3.42 (87.0)
.79
(20)
SK3
SK1
12345678
3 2 1
SK5
+ve -ve
Terminal
Block TB1
SK4
FAN
#6-32 UNC (8 places)
5.46
(138.6)
8.52
(216.4)
M3 (8 places)
3.68
(93.6)
3.15
(80)
2.17
(55)
3.0
(76.2)
.55
(14)
1.30
(33.0)
Optional
(-CF)
Cover
with Fan
Optional
(-CEF)
Cover
with fans
10.32
(262.0)
SK7
FAN
AC Inlet
10.0
10.0
10.0
M3
#6-32 UNC (2 places)
#6-32 UNC
(2 places)
.24 (6.1)
6-32 (2 places)
Main Output
6-32 (3 places)
SK2
6 5 4 3 2 1
M3
(6 places)
M3
Connector
SK1
PIN 1
Neutral
PIN 2
Line
PIN 3
Ground
SK2
PIN 1
+12 / 15 V
PIN 2
Common
PIN 3
Common
PIN 4
-12 / 15 V
PIN 5
5-25 V RET Float
PIN 6
5-25 V Float
SK3
PIN 1
+ Remote sense
PIN 2
- Remote sense
PIN 3
Remote inhibit (N.O)
PIN 4
Remote inhibit (N.C)
PIN 5
Common
PIN 6
Current sharing
PIN 7
Power Fail
PIN 8
DC Power Good
SK4
PIN 1
+ Fan’s power source (12 V @ 500 mA)
PIN 2
- Fan’s power source (12 V @ 500 mA)
SK5
PIN 1
+ Supervisory output supply (5 V @ 100 mA)
PIN 2
- Supervisory output supply (5 V @ 100 mA)
SK7
PIN 1
+ Fan’s power source (12 V @ 500 mA)
PIN 2
- Fan’s power source (12 V @ 500 mA)
Mating Connectors
SK3
Molex: 22-01-1084
PINS: 08-70-0057
SK4
Molex 22-01-3027
PINS: 08-50-0114
SK5
Molex 22-01-3027
PINS: 08-50-0114
SK7
Molex 22-01-3027
PINS: 08-50-0114
Astec Connector Kit #70-841-005, includes all of the above.
Pin Assignments
Notes:
1. Specifications subject to change without notice.
2. All dimensions in inches (mm), tolerance ±.02”.
3. Specifications are at factory settings.
4. To enable normally closed remote inhibit, cut
jumper J1
5. Mounting maximum insertion depth is 0.12”.
6. Warranty: 1 year
7. Weight: 3.1 lb. / 1.41 kg



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com