Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D2TO35 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # D2TO35
Description  Surface Mount Power Resistor Thick Film Technology
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

D2TO35 Datasheet(HTML) 1 Page - Vishay Siliconix

  D2TO35 Datasheet HTML 1Page - Vishay Siliconix D2TO35 Datasheet HTML 2Page - Vishay Siliconix D2TO35 Datasheet HTML 3Page - Vishay Siliconix D2TO35 Datasheet HTML 4Page - Vishay Siliconix D2TO35 Datasheet HTML 5Page - Vishay Siliconix D2TO35 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
D2TO35
www.vishay.com
Vishay Sfernice
Revision: 31-Oct-13
1
Document Number: 51058
For technical questions, contact: sferfixedresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Surface Mount Power Resistor
Thick Film Technology
FEATURES
• AEC-Q200 qualified
• 35 W at 25 °C case temperature
• Surface mounted resistor - TO-263 (D2PAK)
style package
• Wide resistance range from 0.01
 to 550 k
• Non inductive
• Resistor isolated from metal tab
• Solder reflow secure at 270 °C/10 s
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
Notes
• For the asssembly on board, we recommend the lead (Pb)-free thermal profile as per J-STD-020C
• Power dissipation is 3.3 W at an ambient temperature of 25 °C when mounted on a double sided copper board using FR4 standard, 70 μm
of copper, 39 mm x 30 mm x 1.6 mm
DIMENSIONS in millimeters
STANDARD ELECTRICAL SPECIFICATIONS
MODEL
SIZE
RESISTANCE
RANGE
RATED POWER
P25 °C
W
LIMITING ELEMENT
VOLTAGE UL
V
TOLERANCE
± %
TEMPERATURE
COEFFICIENT
± ppm/°C
CRITICAL
RESISTANCE
D2TO35
TO-263
0.01 to 550K
35
500
1, 2, 5, 10
150, 250, 700, 1100
7.14K
10.5
1.6
8.8
1.6
Tolerance: ± 0.3 mm
11.00
1.50
6.50
4.02
4.00
2.40
8.00
2.49
0.26
Footprint recommendation for
solderable contact area:
1.25
4.5
2.8
2.2
0.3
2
5.08
7.6
7.8 min.
8.7
0.2
10.1
MECHANICAL SPECIFICATIONS
Mechanical Protection
Molded
Resistive Element
Thick film
Substrate
Alumina
Connections
Tinned copper
Weight
2.2 g max.
ENVIRONMENTAL SPECIFICATIONS
Temperature Range
- 55 °C to 175 °C
Flammability
IEC 60695-11-5
2 applications 30 s
separated by 60 s
TECHNICAL SPECIFICATIONS
Power Rating and
Thermal Resistance
of the Component
35 W at 25 °C (case
temperature)
RTH (j - c): 4.28 °C/W
Temperature Coefficient
See Special Feature table
Standard
± 150 ppm/°C
Dielectric Strength
IEC 60115-1
2000 VRMS - 1 min - 10 mA max.
(between terminals and board)
Insulation Resistance
106 M
Inductance
 0.1 μH
DIMENSIONS
Standard Package
TO-263 style
(D2PAK)


Similar Part No. - D2TO35

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
D2TO35 VISHAY-D2TO35 Datasheet
107Kb / 5P
Surface Mounted Power Resistor Thick Film Technology
19-Jul-11
D2TO35 VISHAY-D2TO35 Datasheet
154Kb / 6P
Surface Mount Power Resistor Thick Film Technology
15-Feb-2022
D2TO35 VISHAY-D2TO35_15 Datasheet
125Kb / 6P
Surface Mount Power Resistor Thick Film Technology
23-Sep-15
D2TO35 VISHAY-D2TO35_V01 Datasheet
154Kb / 6P
Surface Mount Power Resistor Thick Film Technology
15-Feb-2022
More results

Similar Description - D2TO35

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
D2TO20 VISHAY-D2TO20 Datasheet
96Kb / 6P
Surface Mounted Power Resistor Thick Film Technology
10-Feb-15
D2TO35 VISHAY-D2TO35 Datasheet
107Kb / 5P
Surface Mounted Power Resistor Thick Film Technology
19-Jul-11
D2TO035C15R00FTE3 VISHAY-D2TO035C15R00FTE3 Datasheet
142Kb / 6P
Surface Mount Power Resistor Thick Film Technology
22-Apr-13
D2TO20 VISHAY-D2TO20_15 Datasheet
139Kb / 6P
Surface Mount Power Resistor Thick Film Technology
10-Feb-15
D2TO35 VISHAY-D2TO35_15 Datasheet
125Kb / 6P
Surface Mount Power Resistor Thick Film Technology
23-Sep-15
DTO25 VISHAY-DTO25 Datasheet
154Kb / 6P
Surface Mounted Power Resistor Thick Film Technology
23-Sep-15
DTO35 VISHAY-DTO35 Datasheet
135Kb / 6P
Surface Mounted Power Resistor Thick Film Technology
24-Oct-2019
DTO25 VISHAY-DTO25_V01 Datasheet
186Kb / 7P
Surface Mounted Power Resistor Thick Film Technology
10-Nov-2021
DTO35 VISHAY-DTO35_V01 Datasheet
130Kb / 6P
Surface Mounted Power Resistor Thick Film Technology
10-Nov-2021
D2TO20 VISHAY-D2TO20_V01 Datasheet
137Kb / 6P
Surface Mount Power Resistor Thick Film Technology
15-Feb-2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com