Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWCC0010 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MASWCC0010
Description  GaAs SP4T Switch, Absorptive, Single Supply
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASWCC0010 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MASWCC0010 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASWCC0010 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASWCC0010 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASWCC0010 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASWCC0010 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
GaAs SP4T Switch, Absorptive, Single Supply
DC - 4.0 GHz
Rev. V4
MASWCC0010
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications: TA = 25°C
Parameter
Test Conditions
Frequency
Units
Min.
Typ.
Max.
Insertion Loss
RFC-RF1, 2, 3, 4
DC - 4.0 GHz
dB
—
—
2.3
Isolation
—
DC - 4.0 GHz
dB
38
—
—
VSWR
On (RFC, RF1-RF4)
Logic per Truth Table
Off (RF1-RF4)
Logic per Truth Table
DC - 4.0 GHz
DC - 4.0 GHz
Ratio
Ratio
—
—
—
—
2.0:1
2.0:1
1 dB Compression
—
—
50 MHz
0.5 - 4.0 GHz
dBm
dBm
—
—
+15
+27
—
—
Input IP3
Two-tone inputs up to +5 dBm
50 MHz
0.5-4.0 GHz
dBm
dBm
—
—
30
40
—
—
Ton (50% Control to 90% RF)
—
ns
—
35
—
Toff (50% Control to 10% RF)
—
ns
—
20
—
Trise (10% to 90% RF)
—
ns
—
12
—
Tfall (90% to 10% RF)
—
ns
—
2
—
Vcc
—
—
V
4.5
5.0
5.5
VIL
VIH
LOW-level input voltage
HIGH-level input voltage
—
—
V
V
0.0
2.0
—
—
0.8
5.0
lin (Input Leakage Current)
Vin = VCC or GND
—
uA
-1.0
—
1.0
Icc5,7
Vcc min to max, Logic “0” or “1”
—
mA
—
5
8
Turn-on Current6
For guaranteed start-up
—
mA
—
—
125
Switching Noise
Generated from
DC-DC Converter with
recommended capacitors
3.5 MHz
dBm
—
-93
—
Switching Speed
Thermal Resistance θjc
—
—
°C/W
—
15
—
ΔIcc
(Additional Supply Current
Per TTL Input Pin)
VCC = Max, Vcntrl = VCC - 2.1 V
—
mA
—
—
1.0
Icc8
(Quiescent Supply Current)
Vcntrl = VCC or GND
uA
—
250
400
5.
During turn-on, the device requires an initial start up current (Icc) specified as “Turn-on Current”. Once operational, Icc will drop to the speci-
fied levels. This is not applicable to dual supply operation.
6.
The DC-DC converter is guaranteed to start in 100 µs as long as the power supplies have the maximum turn-on current
available for start-up.
7.
For single supply operation
8.
For dual supply operation



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com