Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWSS0115 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MASWSS0115
Description  GaAs SPDT Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASWSS0115 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MASWSS0115 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASWSS0115 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASWSS0115 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASWSS0115 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
GaAs SPDT Switch
DC - 3.0 GHz
Rev. V6
MASWSS0115
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Insertion Loss7
DC - 1 GHz
1 - 3 GHz
dB
dB
0.25
0.30
0.40
0.55
Isolation
DC - 1 GHz
1 - 3 GHz
dB
dB
20
24
22
Return Loss
0.05 - 3 GHz
dB
20
IP2
Two Tone, +5 dBm/tone, 5 MHz Spacing, >50 MHz
dBm
90
IP3
Two Tone, +5 dBm/tone, 5 MHz Spacing, >50 MHz
dBm
46
P1dB
VC = 0 V/2.5 V
VC = 0 V/3.0 V
dBm
dBm
21
25
Trise, Tfall
10% to 90% RF, 90% to 10% RF
ns
35
Ton, Toff
50% control to 90% RF, 50% control to 10% RF
ns
40
Transients
In band
mV
10
Control Current
VC = 2.5 V
µA
5
20
Electrical Specifications: TA = 25°C, VC = 0 V/2.5 V, Z0 = 50 Ω
6
6. External DC blocking capacitors are required on all RF ports.
7. Insertion loss can be optimized by varying the DC blocking capacitor value, e.g. 1000 pF for 100 MHz - 1 GHz, 39 pF for 0.5 - 3 GHz.
Qualification
Qualified to M/A-COM specification REL-201, Process Flow
–2.
Handling Procedures
The following precautions should be observed to avoid dam-
age:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive to electro-
static discharge (ESD) and can be damaged by static elec-
tricity. Proper ESD control techniques should be used when
handling these devices.
Truth Table 8,9
Control V1
Control V2
RFC-RF1
RFC-RF2
0
1
On
Off
1
0
Off
On
8. Differential voltage, V(state 1) - V(state 0), must be +2.3 V
minimum.
9. 0 = 0 V ± 0.2 V, 1 = +2.3 V to 5.0 V
Die Bond Pad Layout



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com