Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWSS0130 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MASWSS0130
Description  GaAs Broadband DPDT Diversity Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASWSS0130 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MASWSS0130 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASWSS0130 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASWSS0130 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASWSS0130 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
North America Tel: 800.366.2266 / Fax: 978.366.2266
Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
GaAs Broadband DPDT Diversity Switch
0.5 - 3.0 GHz
Rev. V5
MASWSS0130
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Parameter
Absolute Maximum
Input Power @ 3 V Control
+35 dBm
Input Power @ 5 V Control
+35 dBm
Operating Voltage
+8.5 volts
Operating Temperature
-40
°C to +85°C
Storage Temperature
-65
°C to +150°C
Absolute Maximum Ratings 4,5
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Insertion Loss
3
2.4 GHz
dB
0.6
0.9
Isolation
(on/off or off/on)
2.4 GHz
dB
20
25
Return Loss
2.4 GHz
dB
23
IP2
Two Tone, +15 dBm per tone, 5 MHz Spacing,
2.4 GHz
dBm
94
IIP3
Two Tone, +15 dBm per tone, 5 MHz Spacing,
2.4 GHz
dBm
55
Input P1dB
2.4 GHz
dBm
34
2
nd Harmonic
2.4 GHz, PIN = 20 dBm
dBm
-80
3
rd Harmonic
2.4 GHz, PIN = 20 dBm
dBm
-95
Trise, Tfall
10% to 90% RF
90% to 10% RF
nS
nS
34
35
Ton, Toff
50% control to 90% RF
50% control to 10% RF
nS
48
54
Transients
mV
7
Control Current
|Vc| = 3 V
µA
5
25
Input P0.1dB
2.4 GHz
dBm
30
2. External DC blocking capacitors are required on all RF ports.
3. Insertion loss can be optimized by varying the DC blocking capacitor value.
Electrical Specifications: TA = 25°C, Z0 = 50 Ω, VC = 0 V/3 V, 8 pF Capacitor
2,3
Qualification
Qualified
to
M/A-COM
specification
REL-201,
Process Flow –2.
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.
4. Exceeding any one or combination of these limits may cause
permanent damage to this device.
5. M/A-COM does not recommend sustained operation near
these survivability limits.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com