Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWSS0143 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MASWSS0143
Description  3 Watt Cellular T/R and Antenna Changeover Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASWSS0143 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MASWSS0143 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASWSS0143 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASWSS0143 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
3 Watt Cellular T/R and Antenna Changeover Switch
DC - 3.0 GHz
Rev. V4
MASWSS0143
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications: TA = 25°C, VCTL = 0/5 V, Pin = 30 dBm, Z0 = 50 Ω
4
Truth Table
5,6
Control A
Control B
RFC - RF1
RFC - RF2
0
1
Off
On
1
0
On
Off
5. Differential voltage, V (state 1) - V (state 0), must be +2.5 V
minimum and must not exceed 8 V.
6. 0 = -8 V to 0 V, 1 = -5.5 V to 8.0 V
Parameters
Test Conditions
Units
Min.
Typ.
Max.
Insertion Loss
DC - 1 GHz
1 - 2 GHz
2 - 3 GHz
dB
dB
dB
0.35
0.40
0.65
0.50
Isolation
DC - 1 GHz
1 - 2 GHz
2 - 3 GHz
dB
dB
dB
18
22
16
11
VSWR
DC - 3 GHz
Ratio
1.2:1
P1dB
1 GHz
dBm
36
IP2
2-Tone, 5 MHz Spacing, 1 GHz
Pin = +10 dBm / Tone
dBm
110
IP3
2-Tone, 5 MHz Spacing, 1 GHz
Pin = +10 dBm / Tone
dBm
58
2nd Harmonics
Pin = +30 dBm, f0 = 1 GHz
dBc
-78
3rd Harmonics
Pin = +30 dBm, f0 = 1 GHz
dBc
-82
-70
Trise, Tfall
10% to 90% RF, 90% to 10% RF
nS
60
Ton, Toff
50% control to 90% RF, 50% control to 10% RF
nS
20
Transients
mV
20
Control Current
VCTL = 5 V
μA
5
20
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.
4. For positive voltage control, external DC blocking capacitors are required on all RF ports.
Lead-Free SOT-26
† Reference Application Note M538 for lead-free solder reflow
recommendations.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com