Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWSS0161 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MASWSS0161
Description  High Power GaAs SPDT Switch DC - 2.0 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASWSS0161 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MASWSS0161 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASWSS0161 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASWSS0161 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
High Power GaAs SPDT Switch
DC - 2.0 GHz
Rev. V3
MASWSS0161
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications
7: T
A = +25°C, VDD = +5 V, VC = +5 V / 0 V, PIN = +30 dBm
Parameter
Test Conditions
Units
Min.
Typ.
8
Max.
Insertion Loss
DC - 0.5 GHz
0.5 - 1.0 GHz
1.0 - 2.0 GHz
dB
dB
dB
—
—
—
0.45
0.55
0.6
—
0.65
—
Isolation
DC - 0.5 GHz
0.5 - 1.0 GHz
1.0 - 2.0 GHz
dB
dB
dB
—
27
—
30
32
27
—
—
—
VSWR
DC - 2.0 GHz
Ratio
—
1.2:1
—
1 dB Compression
Input Power (5 V Supply/Control) 0.9 GHz
Input Power (8 V Supply/Control) 0.9 GHz
dBm
dBm
—
—
33
35.8
—
—
Trise, Tfall
10% to 90% RF, 90% to 10% RF
nS
—
30
—
Ton, Toff
50% Control to 90% RF, 50% Control to 10% RF
nS
—
35
—
Transients
In-Band
mV
—
12
—
3rd Order Intercept
Measured Relative to Input Power, two-tone up to +10 dBm
(5 V Supply/Control) 0.9 GHz
(8 V Supply/Control) 0.9 GHz
dBm
dBm
—
—
55
65
—
—
Control Current
VC = +5 V
µA
—
—
20
Supply Current
VDD = +5 V
µA
—
—
60
7. All specifications apply when operated with control voltages of 0 V for VC low and 5 to 10 V for VC high, and 50 W impedance at all RF
ports, unless otherwise specified. High power (greater than 1 W) handling specifications apply to cold switching only. For input powers
under 1 W, hot switching can be used. The high control voltage must be within ± 0.2 V of the supply voltage. External DC blocking
capacitors are required on all RF ports.
8. Typical values listed for middle of frequency range noted.
Lead-Free SOIC-8
†
† Reference Application Note M538 for lead-free solder reflow recommendations.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com