Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWSS0199 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MASWSS0199
Description  GaAs SP3T 2.6 V CDMA-GPS Switch DC - 2.5 GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASWSS0199 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MASWSS0199 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASWSS0199 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASWSS0199 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASWSS0199 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
GaAs SP3T 2.6 V CDMA-GPS Switch
DC - 2.5 GHz
Rev. V1
MASWSS0199
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Insertion Loss
3
CELL Path
GPS Path
PCS Path
820 MHz
1.5 GHz
1.9 GHz
dB
dB
dB
0.5
0.75
0.5
0.7
0.95
0.7
Isolation (CELL Path)
820 MHz
1.5 GHz
1.9 GHz
dB
dB
dB
27
30
26
24
Isolation (GPS Path)
820 MHz
1.5 GHz
1.9 GHz
dB
dB
dB
29
32
27
25
Isolation (PCS Path)
820 MHz
1.5 GHz
1.9 GHz
dB
dB
dB
25
27
22
20
Return Loss
All RF ports, DC – 2.5 GHz
dB
20
IP3
CELL Path
PCS Path
Two Tones, +22 dBm / tone, 1 MHz Spacing, 820 MHz
Two Tones, +22 dBm / tone, 1 MHz Spacing, 1880 MHz
dBm
dBm
58
59
Cross Modulation
CELL Path
Cell Band: Two-tone signal input: Tx1 = +22 dBm @ 820 MHz,
Tx2 = +22 dBm @ 821 MHz,
RX interfere = -30 dBm @ 869 MHz.
dBm
-113
Cross Modulation
PCS Path
PCS Band: Two-tone signal input: Tx1 = +18 dBm @ 1880 MHz,
Tx2 = +18 dBm @ 1881 MHz,
RX interfere = -30 dBm @ 1960 MHz.
dBm
-115
P0.1 dB
CELL Path
GPS Path
PCS Path
820 MHz
1.5 GHz
1.9 GHz
dBm
dBm
dBm
37
35
35
Trise, Tfall
10% to 90% RF, 90% to 10% RF
µS
0.05
Ton, Toff
50% control to 90% RF, and 50% control to 10% RF
µS
0.07
Transients
In Band
mV
50
Control Current
|Vc| = 2.6 V
µA
5
20
2. For positive voltage control, external DC blocking capacitors are required on all RF ports.
3. Insertion loss can be optimized by varying the DC blocking capacitor value, e.g. 1000 pF for 100 MHz - 1 GHz, 39 pF for 0.5 GHz - 3 GHz.
Electrical Specifications: TA = 25°C, VC = 0 V/2.6 V, Z0 = 50 Ohms
2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com