Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STU6015 Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # STU6015
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

STU6015 Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  STU6015 Datasheet HTML 1Page - EIC discrete Semiconductors STU6015 Datasheet HTML 2Page - EIC discrete Semiconductors STU6015 Datasheet HTML 3Page - EIC discrete Semiconductors STU6015 Datasheet HTML 4Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
STU606I - STU65G4
SURFACE MOUNT TRANSIENT
VOLTAGE SUPPRESSOR
VBR : 6.8 - 440 Volts
PPK : 600 Watts
FEATURES :
* 600W surge capability at 1ms
* Excellent clamping capability
* Low zener impedance
* Fast response time : typically less
then 1.0 ps from 0 volt to VBR(min.)
* Typical IR less then 1µA above 10V
MECHANICAL DATA
* Case : SMB Molded plastic
* Epoxy : UL94V-O rate flame retardant
* Lead : Lead Formed for Surface Mount
* Polarity : Color band denotes cathode end except Bipolar.
* Mounting position : Any
* Weight : 0.093 grams
DEVICES FOR BIPOLAR APPLICATIONS
For bi-directional altered the third letter of type from "U" to be "B".
Electrical characteristics apply in both directions
MAXIMUM RATINGS
Rating at 25
°C ambient temperature unless otherwise specified.
Rating
Symbol
Value
Unit
Peak Power Dissipation at Ta = 25 °C, Tp=1ms (Note1)
PPK
Minimum 600
Watts
Steady State Power Dissipation at TL = 75 °C
PD
5.0
Watts
Peak Forward Surge Current, 8.3ms Single Half
Sine-Wave Superimposed on Rated Load
(JEDEC Method) (Note 3)
IFSM
100
Amps.
Operating and Storage Temperature Range
TJ, TSTG
- 55 to + 150
°C
Note :
(1) Non-repetitive Current pulse, per Fig. 5 and derated above Ta = 25
°C per Fig. 1
(2) Mounted on copper Lead area at 5.0 mm
2
( 0.013 mm thick ).
(3) 8.3 ms single half sine-wave, duty cycle = 4 pulses per Minutes maximum.
UPDATE : JULY 13, 1998
0.22 ± 0.07
2.0 ± 0.1
2.3 ± 0.2
3.6 ± 0.15
SMB (DO-214AA)
1.1 ± 0.3
Dimensions in millimeter


Similar Part No. - STU6015

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
STU6015 EIC-STU6015 Datasheet
61Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - STU6015

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
SMDJ5.0 DIOTECH-SMDJ5.0 Datasheet
935Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
1.5SMC DIOTECH-1.5SMC Datasheet
1Mb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Microdiode Semiconducto...
SMBJ5.0 CHENDA-SMBJ5.0 Datasheet
2Mb / 5P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
SAMYANG ELECTRONICS CO....
SMF SAMYANG-SMF Datasheet
1Mb / 4P
Surface Mount Transient Voltage Suppressor
logo
Alpha & Omega Semicondu...
1.5SMC6.8 AOSMD-1.5SMC6.8 Datasheet
707Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev.1.1 July 2021
SMAJ5.0A AOSMD-SMAJ5.0A Datasheet
713Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev.1.2 July 2021
SMBJ5.0A AOSMD-SMBJ5.0A Datasheet
706Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev.1.2 July 2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com