Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSMP-3866 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMP-3866
Description  Quad PIN Diode Pi Attenuator 300 kHz to 3 GHz in SOT 25 Package
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMP-3866 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HSMP-3866 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSMP-3866 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSMP-3866 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMP-3866 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMP-3866 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMP-3866 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Absolute Max Ratings [1], Tc = +25°C
Symbol
Parameter
Unit
Abs Max
If
ForwardCurrent(1
µsPulse)
Amp
1
PIV
PeakInverseVoltage
V
50
Tj
JunctionTemperature
°C
150
Tstg
StorageTemperature
°C
-65to150
qjb
ThermalResistance[2]
°C/W
167
Notes:
1. Operationinexcessofanyoneoftheseconditionsmayresultinpermanentdamagetothedevice.
2. ThermalResistanceismeasuredfromjunctiontoboardusingIRmethod.
Electrical Specifications, Tc = +25°C (Each Diode)
Minimum Breakdown Voltage
VBR (V)
Typical Series Resistance
RS (W)
Typical Total Capacitance
CT (pF)
50
3.0/1.5*
0.22
TestCondition
VR=VBR
MeasureIR≤10µA
IF=10mA,f=100MHz
IF=100mA*
VR=50V
f=1MHz
Typical Performance for HSMP-3866 Quad PIN Diode
π Attenuator @ +25°C
Parameter
Test Condition
Units
Typical
InsertionLoss
Vc=5V,V+=1.2V,Freq=1GHz
dB
-2.5
ReturnLoss
Vc=0V,V+=1.2V,Freq=1GHz
dB
-18
Attenuation
Vc=0V,V+=1.2V,Freq=1GHz
dB
36
IP3
Vc=1.5V,V+=1.2V,Freq=1GHz
dBm
30
IP3
Vc=5.0V,V+=1.2V,Freq=1GHz
dBm
40
IP3
Vc=1.5V,V+=1.2V,Freq=300MHz
dBm
25
IP3
Vc=5.0V,V+=1.2V,Freq=300MHz
dBm
37
IP3
Vc=1.5V,V+=1.2V,Freq=100MHz
dBm
23
IP3
Vc=5.0V,V+=1.2V,Freq=100MHz
dBm
35
Notes:
1. MeasurementaboveobtainedusingWidebandRFcircuitdesignshowninFigure1&2
Typical Performance, Tc = +25°C (Each Diode)
Total Resistance
RT (W)
Carrier Lifetime
t(ns)
Reverse Recovery Time
Trr (ns)
Total Capacitance
CT (pF)
22
500
80
0.22
TestCondition
IF=1mA
f=1MHz
IF=10mA
IR=250mA
VR=50V
IF=10mA
90%Recovery
VR=50V
f=1MHz



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com